Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C64 Datasheet(PDF) 50 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  52/100-pin LQFP
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 50 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 51Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
HT46R64/HT46C64
Rev. 2..10
50
2014-06-06
100-pin LQFP (14mm×14mm)外形尺寸
符号
尺寸(单位:inch)
最小
正常
最大
A
—
0.630 BSC
—
B
—
0.551 BSC
—
C
—
0.630 BSC
—
D
—
0.551 BSC
—
E
—
0.020 BSC
—
F
0.007
0.009
0.011
G
0.053
0.055
0.057
H
—
—
0.063
I
0.002
—
0.006
J
0.018
0.024
0.030
K
0.004
—
0.008
α
0°
—
7°
符号
尺寸(单位:mm)
最小
正常
最大
A
—
16.00 BSC
—
B
—
14.00 BSC
—
C
—
16.00 BSC
—
D
—
14.00 BSC
—
E
—
0.50 BSC
—
F
0.17
0.22
0.27
G
1.35
1.40
1.45
H
—
—
1.60
I
0.05
—
0.15
J
0.45
0.60
0.75
K
0.09
—
0.20
α
0°
—
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com