Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46RU67 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46RU67
Description  100-pin LQFP
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RU67 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46RU67_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46RU67_14 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
HT46RU67/HT46CU67
Rev. 1.30
8
2014-06-10
交流电气特性
Ta=25℃
符号
参数
测试条件
最小
典型
最大
单位
VDD
条件
fSYS1
系统时钟
(晶体振荡,RC 振荡)
2.2V~5.5V
400
4000
kHz
3.3V~5.5V
400
8000
fSYS2
系统时钟
(32768Hz 晶体振荡)
2.2V~5.5V
32768
Hz
fRTCOSC
RTC 频率
32768
Hz
fTIMER
定时器输入频率
(TMR0/TMR1)
2.2V~5.5V
0
4000
kHz
3.3V~5.5V
0
8000
tWDTOSC
看门狗振荡器周期
3V
45
90
180
μs
5V
32
65
130
tRES
外部复位低电平脉宽
1
μs
tSST
系统启动延迟时间
上电或从 HALT 状态唤醒
1024
tSYS
tLVR
低电压复位时间
0.25
1
2
ms
tINT
中断脉冲宽度
1
μs
tAD
A/D 时钟周期
1
μs
tADC
A/D 转换时间
80
tAD
tADCS
A/D 采样时间
32
tAD
注:t
SYS =1/fSYS1 或 1/fSYS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com