Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XEMR30D Datasheet(PDF) 1 Page - SunLED Corporation

Part # XEMR30D
Description  Uniform light disbursement
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XEMR30D Datasheet(HTML) 1 Page - SunLED Corporation

  XEMR30D Datasheet HTML 1Page - SunLED Corporation XEMR30D Datasheet HTML 2Page - SunLED Corporation XEMR30D Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: XEMR30D
6.8mmx19.9mm LIGHT BAR
Oct 18,2016
XDSA1960 V8-X Layout: Maggie L.
P. 1/3
Features
● Robust package
● Uniform light disbursement
● Ideal for backlighting logos or icons
● Excellent for flush mounting
● RoHS compliant
Absolute Maximum Ratings
(TA=25°C)
Red
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PD
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3-5 Seconds
Package Schematics
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
Red
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.85
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=20mA)
λP
655*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=20mA)
λD
640*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
△
λ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Wavelength
CIE127-2007*
nm λP
Lens-color
min.
typ.
XEMR30D
Red
GaAlAs
120
40*
268
74*
655*
Red Diffused
Luminous Intensity
CIE127-2007*
(IF=20mA) mcd
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


Similar Part No. - XEMR30D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
Low power consumption
XEMRA100M SUNLED-XEMRA100M Datasheet
206Kb / 3P
Uniform light disbursement
More results

Similar Description - XEMR30D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XGUYX5D SUNLED-XGUYX5D Datasheet
226Kb / 3P
Uniform light disbursement
XGUYX10D SUNLED-XGUYX10D Datasheet
230Kb / 3P
Uniform light disbursement
XEMRA100M SUNLED-XEMRA100M Datasheet
206Kb / 3P
Uniform light disbursement
XEUR30D SUNLED-XEUR30D Datasheet
222Kb / 3P
Uniform light disbursement
XEUR2300M SUNLED-XEUR2300M Datasheet
207Kb / 3P
Uniform light disbursement
XGCBDX10D SUNLED-XGCBDX10D Datasheet
220Kb / 3P
Uniform light disbursement
XGMRX5D SUNLED-XGMRX5D Datasheet
214Kb / 3P
Uniform light disbursement
XGUGX5D SUNLED-XGUGX5D Datasheet
228Kb / 3P
Uniform light disbursement
XGUGX10D SUNLED-XGUGX10D Datasheet
230Kb / 3P
Uniform light disbursement
XGURX5D SUNLED-XGURX5D Datasheet
210Kb / 3P
Uniform light disbursement
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com