Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XSCBD43MB Datasheet(PDF) 1 Page - SunLED Corporation

Part # XSCBD43MB
Description  Available on tape and reel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XSCBD43MB Datasheet(HTML) 1 Page - SunLED Corporation

  XSCBD43MB Datasheet HTML 1Page - SunLED Corporation XSCBD43MB Datasheet HTML 2Page - SunLED Corporation XSCBD43MB Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: XSCBD43MB
3.0x3.0mm ICE CUBE LED
Oct 10,2016
XDSB4189 V5-Z Layout: Maggie L.
P. 1/3
Features
● Radial / Through hole package
● Reliable & robust
● Low power consumption
● Available on tape and reel
● RoHS Compliant
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Absolute Maximum Ratings
(TA=25°C)
Blue
(InGaN)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PD
120
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Electrostatic Discharge Threshold
(HBM)
250
V
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Blue
(InGaN)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
3.3
V
Forward Voltage (Max.)
(IF=20mA)
VF
4
V
Reverse Current (Max.)
(VR=5V)
IR
50
uA
Wavelength of Peak
Emission CIE127-2007*(Typ.)
(IF=20mA)
λP
460*
nm
Wavelength of Dominant
Emission CIE127-2007*(Typ.)
(IF=20mA)
λD
465*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
△
λ
25
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
100
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2θ 1/2
min.
typ.
XSCBD43MB
Blue
InGaN
White Triple
Diffused
20*
59*
460*
140°
Luminous Intensity
CIE127-2007*
(IF=20mA)
mcd
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


Similar Part No. - XSCBD43MB

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XSCBD23MB SUNLED-XSCBD23MB Datasheet
229Kb / 3P
Low power consumption
More results

Similar Description - XSCBD43MB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011007 MA-COM-MAPD-011007_15 Datasheet
1,006Kb / 6P
Available on Tape and Reel
MABA-011050 MA-COM-MABA-011050 Datasheet
818Kb / 4P
Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
Available on Tape and Reel
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
Available on tape and reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
Available on tape and reel
XLFBB14W SUNLED-XLFBB14W Datasheet
229Kb / 3P
Available on tape and reel
XLFBB20DLSDLCR SUNLED-XLFBB20DLSDLCR Datasheet
229Kb / 3P
Available on tape and reel
XLM2DG169W SUNLED-XLM2DG169W Datasheet
229Kb / 3P
Available on tape and reel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com