Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C32C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # W78C32C
Description  8-BIT MICROCONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W78C32C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button W78C32C Datasheet HTML 3Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 4Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 5Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 6Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 7Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 8Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 9Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 10Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
W78C32C/W78C032C
Publication Release Date: December 4, 2006
- 7 -
Revision A6
5.3.2
Power-down Mode
When the PD bit of the PCON register is set, the processor enters the power-down mode. In this mode
all of the clocks, including the oscillator are stopped. The only way to exit power-down mode is by a
reset.
5.3.3
Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two
machine cycles while the oscillator is running.
An internal trigger circuit in the reset line is used to deglitch the reset line when the W78C032C is used
with an external RC network. The reset logic also has a special glitch removal circuit that ignores
glitches on the reset line.
During reset, the ports are initialized to FFH, the stack pointer to 07H, PCON (with the exception of bit
4) to 00H, and all of the other SFR registers except SBUF to 00H. SBUF is not reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com