Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E858 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # W78E858
Description  8-BIT MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W78E858 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button W78E858 Datasheet HTML 3Page - List of Unclassifed Manufacturers W78E858 Datasheet HTML 4Page - List of Unclassifed Manufacturers W78E858 Datasheet HTML 5Page - List of Unclassifed Manufacturers W78E858 Datasheet HTML 6Page - List of Unclassifed Manufacturers W78E858 Datasheet HTML 7Page - List of Unclassifed Manufacturers W78E858 Datasheet HTML 8Page - List of Unclassifed Manufacturers W78E858 Datasheet HTML 9Page - List of Unclassifed Manufacturers W78E858 Datasheet HTML 10Page - List of Unclassifed Manufacturers W78E858 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
W78E858
Publication Release Date: April 22, 2008
- 7 -
Revision A8
5.2.3
Software Protected Data Write
The EEPROM provides a JEDED-approved optional software-protected data write. Once this scheme
is enabled, any write operation requires a series of three-byte program commands (with specific data
to a specific address) to be performed before the data load operation. The three-byte load command
sequence begins the page load cycle, without which the write operation will not activated. This write
scheme provides optimal protection against inadvertent write cycles, such as cycles triggered by noise
during system power-up or power-down. Once enabled, the software data protection will remain
enabled unless the disable commands are issued. To reset the device to unprotected mode, a six-byte
command sequence is required.
The address mapping of the external memory is given as following, if ENAUXRAM or ENEEPROM
flags in CHPCON is not set, the CPU will access external memory instead of the on-chip memory. The
data, address and read/write strobe signal will appear on relative IO port just like standard 80C52.
5.2.4
Command Codes for Software Data Protection Enable/Disable and Software Erase
BYTE
ENABLE WRITE PROTECT
DISABLE WRITE PROTECT
SOFTWARE ERASE
SEQUENCE
ADDRESS
DATA
ADDRESS
DATA
ADDRESS
DATA
0 Write
FFD5H
AAH
FFD5H
AAH
FFD5H
AAH
1 Write
FFAAH
55H
FFAAH
55H
FFAAH
55H
2 Write
FFD5H
A0H
FFD5H
80H
FFD5H
80H
3 Write
-
-
FFD5H
AAH
FFD5H
AAH
4 Write
-
-
FFAAH
55H
FFAAH
55H
5 Write
-
-
FFD5H
20H
FFD5H
10H
Auiliary RAM 512 Bytes
0000H
01FFH
0200H
EEPROM 128 Bytes
FF80H
FFFFH
External M em ory
Fig. On-Chip External Mem ory Addressed Mapping
(a) Standard 51 Series
5.3 Demo Code:
EEPROM_BASE EQU
FF80H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com