Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIDG Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # PIDG
Description  Pre-Insulated Diamond Grip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PIDG Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button PIDG Datasheet HTML 9Page - TE Connectivity Ltd PIDG Datasheet HTML 10Page - TE Connectivity Ltd PIDG Datasheet HTML 11Page - TE Connectivity Ltd PIDG Datasheet HTML 12Page - TE Connectivity Ltd PIDG Datasheet HTML 13Page - TE Connectivity Ltd PIDG Datasheet HTML 14Page - TE Connectivity Ltd PIDG Datasheet HTML 15Page - TE Connectivity Ltd PIDG Datasheet HTML 16Page - TE Connectivity Ltd PIDG Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Tab
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-13
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
W
L
22–16
.033
.140
.480
.904
–
.140
34294
–
(0.26–1.65)
0.84
3.56
12.19
22.96
3.56
Note: “C” dimension applies from edge of metal wire barrel to end of tab.
Knife Disconnect Splices
.203
.878
.125
320555
–
22–16
.031
5.16
22.30
3.18
(0.26–1.65)
0.79
.203
.878
.140
32446
2-32446-1
5.16
22.30
3.56
.203
.878
.150
320566
–
16–14
.031
5.16
22.30
3.81
(1.04–2.62)
0.79
.203
.878
.170
32448
–
5.16
22.30
4.32
.281
1.234
.230
320620
–
12–10
.040
7.14
31.34
5.84
(2.62–6.64)
1.02
.281
1.260
.250
35762
–
7.14
32.00
6.35
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Dimensions
WC
L
D
Min.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Wire Size
AWG
(mm2)
Splice
Insulation
Color
Wire
Insulation
Diameter
Max.
Material
Thickness
Dimensions
WL
Max.
Part Numbers
Loose
Tape
Piece
Mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com