Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78ERD2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # W78ERD2
Description  8-BIT MICROCONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W78ERD2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button W78ERD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers W78ERD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers W78ERD2 Datasheet HTML 5Page - List of Unclassifed Manufacturers W78ERD2 Datasheet HTML 6Page - List of Unclassifed Manufacturers W78ERD2 Datasheet HTML 7Page - List of Unclassifed Manufacturers W78ERD2 Datasheet HTML 8Page - List of Unclassifed Manufacturers W78ERD2 Datasheet HTML 9Page - List of Unclassifed Manufacturers W78ERD2 Datasheet HTML 10Page - List of Unclassifed Manufacturers W78ERD2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
W78ERD2/W78ERD2A
Publication Release Date: March 2, 2009
- 7 -
Revision A12
Timer 2 is controlled by the T2CON register. Like Timers 0 and 1, Timer 2 can operate as either an
external event counter or an internal timer, depending on the setting of bit C/T2 in T2CON. Timer 2 has
three operating modes: capture, auto-reload, and baud rate generator. In capture or auto-reload mode,
RCAP2H and RCAP2L are the reload / capture registers and the clock speed is the same as that of
Timers 0 and 1.
5.3
Clock
The W78ERD2 is designed for either a crystal oscillator or an external clock.
The W78ERD2 incorporates a built-in crystal oscillator. To make the oscillator work, a crystal must be
connected across pins XTAL1 and XTAL2, and a load capacitor may be connected from each pin to
ground. In addition, if the crystal frequency is higher than 24 MHz, a resistor should be connected
between XTAL1 and XTAL2 to provide a DC bias.
An external clock is connected to pin XTAL1, while pin XTAL2 should be left disconnected. The XTAL1
input is a CMOS-type input, as required by the crystal oscillator. As a result, the logic-1 voltage should
be higher than 3.5 V.
5.4
Power Management
The W78ERD2 provides two modes, idle mode and power-down mode, to reduce power consumption.
Both modes are entered by software.
The W78ERD2 enters Idle mode when the IDL bit in the PCON register is set. In Idle mode, the
internal clock for the processor stops while the internal clock for the peripherals and interrupt logic
continues to run. The W78ERD2 leaves Idle mode when an interrupt or a reset occurs.
The W78ERD2 enters Power-Down mode when the PD bit in the PCON register is set. In Power-Down
mode, all of the clocks are stopped, including the oscillator. The W78ERD2 leaves Power-Down mode
when there is a hardware reset or by external interrupts
INT0 or INT1, if enabled.
5.5
Reduce EMI Emission
If the crystal frequency is less than 25 MHz, set bit 7 in the option register to 0 to reduce EMI
emissions. Please see Option Bits for more information.
5.6
Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two
machine cycles while the oscillator is running, as the W78ERD2 has a special glitch-removal circuit
that ignores glitches on the reset line.
During reset, the ports are initialized to FFH, the stack pointer to 07H, and all of the other SFR to 00H,
with two exceptions—SBUF does not change, and bit 4 in PCON is not cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com