Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 103P
Description  Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

103P Datasheet(HTML) 2 Page - Vishay Siliconix

  103P Datasheet HTML 1Page - Vishay Siliconix 103P Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
97
Type 103P
Vishay Sprague
Document Number: 42032
Revision 17-Nov-03
For technical questions, contact spresale@vishay.com
Tab Terminals
0.020
± 0.005
[0.51
± 0.13]
0.296
± 0.062
[7.52
± 1.57]
0.156
± 0.015
[3.96
± 0.38]
.312
± 0.031
[7.92
± 0.79]
CL
CL
0.255 [6.48]
0.250 [6.35]
Across Flats
Slot
0.060 [1.52]
0.050 [1.27]
x 0.125 [3.18]
CL
CL
0.187
± 0.015
[4.75
± 0.38]
STANDARD RATINGS in inches [millimeters]
PART NUMBER*
TAB TERMINAL
WIRE LEAD
200 WVDC
103P473X0200S
103P104X0200S
103P224X0200S
103P474X0200S
103P105X0200S
103P473X0200T
103P104X0200T**
103P224X0200T
103P474X0200T**
103P105X0200T
NOMINAL CASE SIZE
D x L
0.400 x 0.875 [10.16 x 22.23]
0.400 x 1.125 [10.16 x 28.58]
0.562 x 1.125 [14.27 x 28.58]
0.562 x 1.875 [14.27 x 47.63]
0.750 x 2.125 [19.05 x 53.98]
0.047
0.10
0.22
0.47
1.00
CAPACITANCE
(
µF)
300 WVDC
0.047
0.10
0.22
0.47
400 WVDC
0.047
0.10
0.22
0.47
600 WVDC
0.001
0.0047
0.01
0.047
0.10
0.22
0.47
*
The Part Numbers given are for capacitance tolerance of ± 20%. To specify ± 10% tolerance, change X0 to X9.
** All standard inventoried Part Numbers will be stocked with a ± 10% tolerance (X9).
103P473X0300T
103P104X0300T
103P224X0300T
103P474X0300T
103P473X0400T
103P104X0400T**
103P224X0400T**
103P474X0400T
103P473X0300S
103P104X0300S
103P224X0300S
103P474X0300S
103P473X0400S
103P104X0400S*
103P224X0400S*
103P474X0400S
0.400 x 1.125 [10.16 x 28.58]
0.400 x 1.375 [10.16 x 34.93]
0.562 x 1.375 [14.27 x 34.93]
0.670 x 1.875 [17.02 x 47.63]
0.400 x 1.375 [10.16 x 34.93]
0.562 x 1.125 [14.27 x 28.58]
0.562 x 1.875 [14.27 x 47.63]
0.750 x 2.125 [19.05 x 53.98]
0.400 x 0.750 [10.16 x 19.05]
0.400 x 0.750 [10.16 x 19.05]
0.400 x 0.750 [10.16 x 19.05]
0.400 x 1.375 [10.16 x 34.93]
0.562 x 1.375 [14.27 x 34.93]
0.670 x 1.875 [17.02 x 47.63]
0.750 x 2.375 [19.05 x 60.32]
103P102X0600S
103P472X0600S*
103P103X0600S*
103P473X0600S
103P104X0600S*
103P224X0600S*
103P474X0600S
103P102X0600T
103P472X0600T**
103P103X0600T**
103P473X0600T
103P104X0600T**
103P224X0600T**
103P474X0600T
0.020
± 0.005
[0.51
± 0.13]
0.125
± 0.015
[3.18
± 0.38]
0.187
± 0.015
[4.75
± 0.38]
ORDERING INFORMATION
0.125
± 0.015
[3.18
± 0.38]
Slot
0.062 x 0.125
[1.58 x 3.18]
0.156
± 0.015
[3.96
± 0.38]
0.296
± 0.015
[7.52
± 0.38]
5/16 [7.938] -
24 UNF -
2A THD
This is expressed
in volts.
200
DC VOLTAGE
RATING
S = Wire Leads
T = Soldering Tab
S
TERMINAL
X0
CAPACITANCE
TOLERANCE
X0 = ± 20%
X9 = ± 10%
(Inventoried)
This is expressed in picofarads.
The first two digits are the
significant figures. The third is
the number of zeros to follow.
473
CAPACITANCE
103P
TYPE
DIMENSIONS in inches [millimeters]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com