Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N32905U1DN Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # N32905U1DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N32905U1DN Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button N32905U1DN Datasheet HTML 17Page - List of Unclassifed Manufacturers N32905U1DN Datasheet HTML 18Page - List of Unclassifed Manufacturers N32905U1DN Datasheet HTML 19Page - List of Unclassifed Manufacturers N32905U1DN Datasheet HTML 20Page - List of Unclassifed Manufacturers N32905U1DN Datasheet HTML 21Page - List of Unclassifed Manufacturers N32905U1DN Datasheet HTML 22Page - List of Unclassifed Manufacturers N32905U1DN Datasheet HTML 23Page - List of Unclassifed Manufacturers N32905U1DN Datasheet HTML 24Page - List of Unclassifed Manufacturers N32905U1DN Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
21
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Pin Name
I/O
Type
Description
SCLKO
IOU
Clock to Sensor Module, Output
●
●
●
●
●
●
●
UHL_DP1
USB Host Like Interface, DP
SDDAT1[1]
SD Port 1 Data Bit 1
GPB[0]
GPIO Port B Bit 0
SPCLK
IOU
Sensor Interface Pixel Clock, Input
●
●
●
●
●
●
●
UHL_DM1
USB Host Like Interface, DM
SDDAT1[0]
SD Port 1 Data Bit 0
GPB[1]
GPIO Port B Bit 1
SVSYNC
IOU
Sensor Interface VSYNC, Input
●
●
●
●
●
I2S_BCLK
I2S Interface Clock, Input
SDCMD1
SD Port 1 Command/Response
GPB[3]
GPIO Port B Bit 3
SFIELD
IOU
Sensor Interface Even/ODD Field Indicator,
Input
●
●
●
●
●
I2S_WS
I2S Interface Word Select, Output
SDDAT1[3]
SD Port 1 Data Bit 3
GPB[4]
GPIO Port B Bit 4
SPDATA[0]
IOU
Sensor Interface Data Bit 0, Input
●
●
●
●
●
I2S_DOUT
I2S Interface Data Output
SDDAT1[2]
SD Port 1 Data Bit 2
GPB[5]
GPIO Port B Bit 5
SPDATA[1]
IOU
Sensor Interface Data Bit 1, Input
●
●
●
●
●
I2S_DIN
I2S Interface Data Input
GPB[6]
GPIO Port B Bit 6
I2C Interface
ISCK
IOU
I2C Interface Clock, Output
●
●
●
●
●
GPB[13]
GPIO Port B Bit 13
ISDA
IOU
I2C Interface Data
●
●
●
●
●
LMVSYNC
MPU Mode VSYNC, Output
LFMARK
Frame Mark, Input
GPB[14]
GPIO Port B Bit 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com