Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT24LC04 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT24LC04
Description  CMOS 4K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC04 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT24LC04_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev. 1.80
3
January 16, 2014
HT24LC04
A.C. Characteristics
Ta=-40°C~+85°C
Symbol
Parameter
Remark
VCC=1.8V~5.0V VCC=2.5V~5.0V
Unit
Min.
Max.
Min.
Max.
fSK
Clock Frequency
—
—
400
—
1000
kHz
tHIGH
Clock High Time
—
600
—
400
—
ns
tLOW
Clock Low Time
—
1200
—
600
—
ns
tr
SDA and SCL Rise Time
Note
—
300
—
300
ns
tf
SDA and SCL Fall Time
Note
—
300
—
300
ns
tHD:STA
START Condition Hold
Time
After this period the first clock pulse is
generated
600
—
250
—
ns
tSU:STA
START Condition Setup
Time
Only relevant for repeated START
condition
600
—
250
—
ns
tHD:DAT
Data Input Hold Time
—
0
—
0
—
ns
tSU:DAT
Data Input Setup Time
—
150
—
100
—
ns
tSU:STO
STOP Condition Setup
Time
—
600
—
250
—
ns
tAA
Output Valid from Clock
—
—
900
—
600
ns
tBUF
Bus Free Time
Time in which the bus must be free
before a new transmission can start
1200
—
500
—
ns
tSP
Input Filter Time Constant
(SDA and SCL Pins)
Noise suppression time
—
50
—
50
ns
tWR
Write Cycle Time
—
—
5
—
5
ms
Endurance 25°C, Page Mode
5.0V
1,000,000
Write
Cycles
Note:Theseparametersareperiodicallysampledbutnot100%tested.
Forrelativetiming,refertotimingdiagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com