Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT2201 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT2201
Description  CMOS 1K 2-Wire Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2201 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT2201_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. 1.40
4
January 16, 2014
HT2201
Functional Description
Pin Function
• Serialclock–SCL
TheSCLinputisusedforpositiveedgeclock
dataintoeachEEPROMdeviceandnegativeedge
clockdataoutofeachdevice.
• Serialdata–SDA
The SDA pin is bidirectional for serial data
transfer.Thepinisopen-draindrivenandmaybe
wired-ORwithanynumberofotheropen-drainor
opencollectordevices.
Memory Organization
• HT2201,1KSerialEEPROM
Internallyorganizedwith128×8-bitwords,the
HT2201requiresan8-bitdatawordaddressfor
randomwordaddressing.
Device Operations
• Clockanddatatransition
Datatransfermaybeinitiatedonlywhenthebusis
notbusy.Duringdatatransfer,thedatalinemust
remainstablewhenevertheclocklineishigh.
Changesindatalinewhiletheclocklineishigh
willbeinterpretedasaSTARTorSTOPcondition.
• Startcondition
Ahigh-to-lowtransitionofSDAwithSCLhigh
isastartconditionwhichmustprecedeanyother
command (refer to Start and Stop Definition
Timingdiagram).
• Stopcondition
Alow-to-hightransitionofSDAwithSCLhighis
astopcondition.Afterareadsequence,thestop
commandwillplacetheEEPROMinastandby
powermode(refertoStartandStopDefinition
TimingDiagram).
• Acknowledge
All addresses and data words are serially
transmittedtoandfromtheEEPROMin8-bit
words.TheEEPROMsendsazerotoacknowledge
thatithasreceivedeachword.Thishappensduring
theninthclockcycle.
SC L
SD A
Da ta a ll ow ed
to c hange
A ddr e ss or
a ck now l edge
va li d
St op
co nd it io n
St ar t
c ondi ti on
No A CK
st at e
Device Addressing
TheHT2201requiresan8-bitdeviceaddressword
followingastartconditiontoenablethechipfora
readorwriteoperation.Thedeviceaddressword
consistofamandatoryone,zerosequenceforthe
firstfourmostsignificantbits(refertothediagram
showingtheDeviceAddress).Thisiscommontoall
theEEPROMdevice.Thenextthreebitsarefixedto
zeros.
The 8th bit of device address is the read/write
operationselectbit.Areadoperationisinitiatedifthis
bitishighandawriteoperationisinitiatedifthisbit
islow.
R/ W
10
De vi ce A ddr es s
10
000
Write Operations
• Bytewrite
Awriteoperationrequiresan8-bitdataword
addressfollowingthedeviceaddresswordand
acknowledgment.Uponreceiptofthisaddress,
the EEPROM will again respond with a zero
andthenclockinthefirst8-bitdataword.After
receivingthe8-bitdataword,theEEPROMwill
outputazeroandtheaddressingdevice,suchasa
microcontroller,mustterminatethewritesequence
withastopcondition.AtthistimetheEEPROM
entersaninternally-timedwritecycletothenon-
volatilememory.Allinputsaredisabledduringthis
writecycleandEEPROMwillnotresponduntil
thewriteiscompleted(refertoBytewritetiming).
• Acknowledgepolling
Tomaximisebusthroughput,onetechniqueisto
allowthemastertopollforanacknowledgesignal
afterthestartconditionandthecontrolbytefor
awritecommandhavebeensent.Ifthedeviceis
stillbusyimplementingitswritecycle,thenno
ACKwillbereturned.Themastercansendthe
nextread/writecommandwhentheACKsignal
hasfinallybeenreceived.
• Readoperations
The HT2201 supports three read operations,
namely,currentaddressread,randomaddress
readandsequentialread.Duringreadoperation
execution,theread/writeselectbitshouldbesetto
"1".



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com