Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q41BXIGX Datasheet(PDF) 5 Page - ELM Electronics

Part # GD25Q41BXIGX
Description  Uniform Sector Dual and Quad Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q41BXIGX Datasheet(HTML) 5 Page - ELM Electronics

  GD25Q41BXIGX Datasheet HTML 1Page - ELM Electronics GD25Q41BXIGX Datasheet HTML 2Page - ELM Electronics GD25Q41BXIGX Datasheet HTML 3Page - ELM Electronics GD25Q41BXIGX Datasheet HTML 4Page - ELM Electronics GD25Q41BXIGX Datasheet HTML 5Page - ELM Electronics GD25Q41BXIGX Datasheet HTML 6Page - ELM Electronics GD25Q41BXIGX Datasheet HTML 7Page - ELM Electronics GD25Q41BXIGX Datasheet HTML 8Page - ELM Electronics GD25Q41BXIGX Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
Rev.1.1
46 -
http://www.elm-tech.com
GD25Q41BxIGx Uniform Sector Dual and Quad Serial Flash
http://www.elm-tech.com
2. GENERAL DESCRIPTION
The GD25Q41B Serial flash supports the standard Serial Peripheral Interface (SPI), and a high performance
Dual/Quad output as well as Dual/Quad SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2
(WP#), and I/O3 (HOLD#). SPI clock frequencies of up to 104MHz are supported allowing equivalent clock
rates of 208MHz for Dual Output & Dual I/O read command, and 416MHz for Quad output & Quad I/O read
command.
Connection Diagram
8-LEAD SOP
8-LEAD USON
Pin Name
I / O
Description
CS#
I
Chip Select Input
SO (IO1)
I/O
Data Output (Data Input Output 1)
WP# (IO2)
I/O
Write Protect Input (Data Input Output 2)
VSS
Ground
SI (IO0)
I/O
Data Input (Data Input Output 0)
SCLK
I
Serial Clock Input
HOLD# (IO3)
I/O
Hold Input (Data Input Output 3)
VCC
Power Supply
Pin Description
SPI
Command &
Control Logic
High Voltage
Generators
Page Address
Latch/Counter
Status
Register
Write Control
Logic
Byte Address
Latch/Counter
Column Decode And
256-Byte Page Buffer
Flash
Memory
CS#
SCLK
SI(IO0)
SO(IO1)
HOLD#(IO3)
WP#(IO2)
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com