Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q64C Datasheet(PDF) 39 Page - ELM Electronics

Part # GD25Q64C
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q64C Datasheet(HTML) 39 Page - ELM Electronics

Back Button GD25Q64C Datasheet HTML 35Page - ELM Electronics GD25Q64C Datasheet HTML 36Page - ELM Electronics GD25Q64C Datasheet HTML 37Page - ELM Electronics GD25Q64C Datasheet HTML 38Page - ELM Electronics GD25Q64C Datasheet HTML 39Page - ELM Electronics GD25Q64C Datasheet HTML 40Page - ELM Electronics GD25Q64C Datasheet HTML 41Page - ELM Electronics GD25Q64C Datasheet HTML 42Page - ELM Electronics GD25Q64C Datasheet HTML 43Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39
Rev.1.1
50 -
http://www.elm-tech.com
GD25Q64CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Table3. Signature and Parameter Identification Data Values
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
SFDP Signature
Fixed:50444653H
00H
07:00
53H
53H
01H
15:08
46H
46H
02H
23:16
44H
44H
03H
31:24
50H
50H
SFDF Minor Revision Number
Start from 00H
04H
07:00
00H
00H
SFDF Major Revision Number
Start from 01H
05H
15:08
01H
01H
Number of Parameters Headers
Start from 00H
06H
23:16
01H
01H
Unused
Contains 0×FFH and
can never be changed
07H
31:24
FFH
FFH
ID number (JEDEC)
00H: It indicates a JEDEC
specified header
08H
07:00
00H
00H
Parameter Table Minor Revision
Number
Start from 0×00H
09H
15:08
00H
00H
Parameter Table Major Revision
Number
Start from 0×01H
0AH
23:16
01H
01H
Parameter Table Length
(in double word)
How many DWORDs
in the Parameter Table
0BH
31:24
09H
09H
Parameter Table Pointer (PTP)
Fist address of JEDEC Flash
Parameter Table
0CH
07:00
30H
30H
0DH
15:08
00H
00H
0EH
23:16
00H
00H
Unused
Contains 0×FFH and
can never be changed
0FH
31:24
FFH
FFH
ID Number
(ELM Manufacturer ID)
It is indicates ELM
manufacturer ID
10H
07:00
C8H
C8H
Parameter Table Minor Revision
Number
Start from 0×00H
11H
15:08
00H
00H
Parameter Table Major Revision
Number
Start from 0×01H
12H
23:16
01H
01H
Parameter Table Length
(in double word)
How many DWORDs in the
Parameter Table
13H
31:24
03H
03H
Parameter Table Pointer (PTP)
Fist address of ELM Flash
Parameter Table
14H
07:00
60H
60H
15H
15:08
00H
00H
16H
23:16
00H
00H
Unused
Contains 0×FFH and
can never be changed
17H
31:24
FFH
FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com