Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12136AF Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # 12136AF
Description  Dolby B-Type Noise Reduction System
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

12136AF Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button 12136AF Datasheet HTML 9Page - Hitachi Semiconductor 12136AF Datasheet HTML 10Page - Hitachi Semiconductor 12136AF Datasheet HTML 11Page - Hitachi Semiconductor 12136AF Datasheet HTML 12Page - Hitachi Semiconductor 12136AF Datasheet HTML 13Page - Hitachi Semiconductor 12136AF Datasheet HTML 14Page - Hitachi Semiconductor 12136AF Datasheet HTML 15Page - Hitachi Semiconductor 12136AF Datasheet HTML 16Page - Hitachi Semiconductor 12136AF Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
HA12134A, HA12135A, HA12136A
13
–25
–20
–15
–10
–5
0
5
10
15
20
0.01
0.03
0.1
0.3
1.0
3
10
V
[dB]
out
HA12136A
V
= 12 V
1 kHz
100 Hz
10 kHz
CC
Figure 11 PB NR-OFF Total Harmonic Distortion vs. Output Level
–25 –20
–15
–10
–5
0
5
10
15
20
0.01
0.03
0.1
0.3
1.0
3
10
V
[dB]
out
HA12136A
V
= 12 V
1 kHz
100 Hz
10 kHz
–30
CC
Figure 12 PB NR-ON Total Harmonic Distortion vs. Output Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com