| Electronic Components Datasheet Search |
|
35007B Datasheet(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
35007B Datasheet(HTML) 17 Page - Microchip Technology |
|
17 / 88 page ![]() © 2001 Microchip Technology Inc. DS35007B-page 15 PIC16F84A 4.0 I/O PORTS Some pins for these I/O ports are multiplexed with an alternate function for the peripheral features on the device. In general, when a peripheral is enabled, that pin may not be used as a general purpose I/O pin. Additional information on I/O ports may be found in the PICmicro™ Mid-Range Reference Manual (DS33023). 4.1 PORTA and TRISA Registers PORTA is a 5-bit wide, bi-directional port. The corre- sponding data direction register is TRISA. Setting a TRISA bit (= 1) will make the corresponding PORTA pin an input (i.e., put the corresponding output driver in a Hi-Impedance mode). Clearing a TRISA bit (= 0) will make the corresponding PORTA pin an output (i.e., put the contents of the output latch on the selected pin). Reading the PORTA register reads the status of the pins, whereas writing to it will write to the port latch. All write operations are read-modify-write operations. Therefore, a write to a port implies that the port pins are read. This value is modified and then written to the port data latch. Pin RA4 is multiplexed with the Timer0 module clock input to become the RA4/T0CKI pin. The RA4/T0CKI pin is a Schmitt Trigger input and an open drain output. All other RA port pins have TTL input levels and full CMOS output drivers. EXAMPLE 4-1: INITIALIZING PORTA FIGURE 4-1: BLOCK DIAGRAM OF PINS RA3:RA0 FIGURE 4-2: BLOCK DIAGRAM OF PIN RA4 Note: On a Power-on Reset, these pins are con- figured as inputs and read as '0'. BCF STATUS, RP0 ; CLRF PORTA ; Initialize PORTA by ; clearing output ; data latches BSF STATUS, RP0 ; Select Bank 1 MOVLW 0x0F ; Value used to ; initialize data ; direction MOVWF TRISA ; Set RA<3:0> as inputs ; RA4 as output ; TRISA<7:5> are always ; read as ’0’. Data Bus Q D Q CK Q D Q CK QD EN P N WR Port WR TRIS Data Latch TRIS Latch RD TRIS RD Port TTL Input Buffer VSS VDD I/O pin Note: I/O pins have protection diodes to VDD and VSS. Data Bus WR Port WR TRIS RD Port Data Latch TRIS Latch RD TRIS Schmitt Trigger Input Buffer N VSS RA4 pin TMR0 Clock Input Q D Q CK Q D Q CK EN QD EN Note: I/O pins have protection diodes to VDD and VSS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |