Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8711BL Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8711BL
Description  Ultra-Small Audio DAC with Headphone Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8711BL Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8711BL Datasheet HTML 17Page - Cirrus Logic WM8711BL Datasheet HTML 18Page - Cirrus Logic WM8711BL Datasheet HTML 19Page - Cirrus Logic WM8711BL Datasheet HTML 20Page - Cirrus Logic WM8711BL Datasheet HTML 21Page - Cirrus Logic WM8711BL Datasheet HTML 22Page - Cirrus Logic WM8711BL Datasheet HTML 23Page - Cirrus Logic WM8711BL Datasheet HTML 24Page - Cirrus Logic WM8711BL Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Production Data
WM8711BL
w
PD, Rev 4.2, December 2011
2143
CLOCKOUT
The Core Clock is internally buffered and made available externally to the audio system on the
CLKOUT output pin. CLKOUT provides a replication of the Core Clock, but buffered as suitable for
driving external loads.
There is no phase inversion between XTI/MCLK, the Core Clock and CLOCKOUT but there will
inevitably be some delay. The delay will be dependent on the load that CLOCKOUT drives. Refer to
Electrical Characteristics.
CLKOUT can also be divided by 2 under software control, refer to Table 7. Note that if CLKOUT is not
required then the CLKOUT buffer on the WM8711BL can be safely powered down to conserve power
(see POWER DOWN section). If the system architect has the choice between using FCLKOUT = FMCLK
or FCLKOUT = FMCLK/2 in the interface, the latter is recommended to conserve power. When the divide
by two is selected CLKOUT changes on the rising edge of MCLK. Please refer to Electrical
Characteristics for timing information.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001000
Sampling
Control
7
CLKODIV2
0
CLKOUT divider select
1 = CLOCKOUT is Core Clock
divided by 2
0 = CLOCKOUT is Core Clock
Table 7 Programming CLKOUT
CLKOUT is disabled and set low whenever the device is in reset.
DIGITAL AUDIO INTERFACES
WM8711BL may be operated in either one of the 4 offered audio interface modes. These are:
Right justified
Left justified
I
2S
DSP mode
All four of these modes are MSB first and operate with data 16 to 32 bits, except in right justified
mode where 32 bit data is not supported.
The digital audio interface receives the digital audio data for the internal DAC digital filters on the
DACDAT input. DACDAT is the formatted digital audio data stream output to the DAC digital filters
with left and right channels multiplexed together. DACLRC is an alignment clock that controls whether
Left or Right channel data is present on DACDAT. DACDAT and DACLRC are synchronous with the
BCLK signal with each data bit transition signified by a BCLK transition. DACDAT is always an input.
BCLK and DACLRC are either outputs or inputs depending whether the device is in master or slave
mode. Refer to the MASTER/SLAVE OPERATION section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com