Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8918 Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 35Page - Cirrus Logic WM8918 Datasheet HTML 36Page - Cirrus Logic WM8918 Datasheet HTML 37Page - Cirrus Logic WM8918 Datasheet HTML 38Page - Cirrus Logic WM8918 Datasheet HTML 39Page - Cirrus Logic WM8918 Datasheet HTML 40Page - Cirrus Logic WM8918 Datasheet HTML 41Page - Cirrus Logic WM8918 Datasheet HTML 42Page - Cirrus Logic WM8918 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
39
MICROPHONE HOOK SWITCH DETECTION
The possibility of spurious hook switch interrupts due to ambient noise conditions can be removed by
careful understanding of microphone behaviour under extremely high sound pressure levels or during
mechanical shock, and by correct selection of the MICBIAS resistor value; these factors will affect the
level of the MICBIAS AC current spikes.
In applications where where the Current Detect threshold is close to the level of the current spikes,
the probability of false detections is reduced by the hysteresis and digital filtering described above.
Note that the filtering algorithm provides only limited rejection of very high current spikes at
frequencies less than or equal to the hook switch detect measurement frequency, or at frequencies
equal to harmonics of the hook switch detect measurement frequency.
The MICBIAS Hook Switch detection filtering is illustrated in Figure 26. Example control sequences
for configuring the Interrupts functions for MICBIAS current detection events are described in the
“Applications Information” section.
Figure 26 MICBIAS Hook Switch Detection Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com