Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M0564VG4AE Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # M0564VG4AE
Description  32-BIT MICROCONTROLLER
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0564VG4AE Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button M0564VG4AE Datasheet HTML 17Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 18Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 19Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 20Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 21Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 22Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 23Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 24Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 161 page
background image
M0564
May 05, 2017
Page 21 of 161
Rev 1.00
4
PARTS INFORMATION LIST AND PIN CONFIGURATION
4.1 NuMicro
® M0564 Selection Guide
4.1.1
NuMicro
® M0564 Naming Rule
M05 64X X 4 X X
ARM–Based
32-bit Microcontroller
CPU core Corte®-M0
Product Line Function
Flash ROM
E : 128K
G : 256K
Temperature
Version
A :
B :
SRAM Size
4 : 20K
Package type
L : LQFP 48 7x7mm
S : LQFP 64 7x7mm
V : LQFP 100 14x14mm
E : -40oC ~ +105oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com