Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-929/883 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ADS-929/883
Description  14-Bit, 2MHz, Low-Power Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-929/883 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ADS-929/883 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-929/883 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-929/883 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-929/883 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-929/883 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-929/883 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-929/883 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-929/883 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
®
®
ADS-929
7
Figure 6. ADS-929 FFT Analysis
Figure 7. ADS-929 Histogram and Differential Nonlinearity
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
Frequency (kHz)
(fs = 2MHz, fin = 975kHz, Vin = –0.5dB, 16,384-point FFT)
0
100
200
300
400
500
600
700
800
900
1000
0
Digital Output Code
0
16,384
+0.37
0
–0.37
16,384
Digital Output Code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com