Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-944/883 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ADS-944/883
Description  14-Bit, 5MHz Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-944/883 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ADS-944/883 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-944/883 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-944/883 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-944/883 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-944/883 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-944/883 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-944/883 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-944/883 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADS-944
®
®
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
MECHANICAL DIMENSIONS INCHES (mm)
DS-0240B
6/97
ORDERING INFORMATION
MODEL NUMBER
OPERATING TEMP. RANGE
ADS-944MC
0 to +70°C
ADS-944MM
–55 to +125°C
ADS-944/883
–55 to +125°C
Contact DATEL for availability of surface-mount (J-lead)
packaging or for MIL-STD-883 or DESC SMD product
specifications.
ACCESSORIES
ADS-B944
Evaluation Board (without ADS-944)
HS-32
Heat sink for ADS-944 DDIP models
Receptacles for PC board mounting can be ordered through
AMP Inc., Part # 3-331272-8 (Component Lead Socket), 24
required.
The histogram in Figure 8 represents the typical peak-to-peak
noise (including quantization noise) associated with the
ADS-944. 16.384 conversions were processed with the input
to the ADS-944 tied to analog ground.
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
Digital Output Code
Figure 8. ADS-944 Grounded Input Histogram
0.040
(1.016)
SEATING
PLANE
0.025
(0.635)
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.190 MAX.
(4.826)
0.900 ±0.010
(22.860)
1.11 MAX.
(28.19)
0.100 TYP.
(2.540)
1.72 MAX.
(43.69)
1
16
17
32
1.500
(38.100)
0.100
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.010
(0.254)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
+0.002
–0.001
ISO 9001
ISO 9001
REGISTERED
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com E-mail:sales@datel.com
Data Sheet Fax Back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com