Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5490 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5490 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5490 Datasheet HTML 1Page - Cirrus Logic CS5490 Datasheet HTML 2Page - Cirrus Logic CS5490 Datasheet HTML 3Page - Cirrus Logic CS5490 Datasheet HTML 4Page - Cirrus Logic CS5490 Datasheet HTML 5Page - Cirrus Logic CS5490 Datasheet HTML 6Page - Cirrus Logic CS5490 Datasheet HTML 7Page - Cirrus Logic CS5490 Datasheet HTML 8Page - Cirrus Logic CS5490 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
CS5490
DS982F3
5
1. OVERVIEW
The CS5490 is a CMOS power measurement integrated circuit that uses two
 analog-to-digital
converters to measure line voltage and current. The CS5490 calculates active, reactive, and apparent
power as well as RMS voltage and current and peak voltage and current. It handles other system-related
functions, such as energy pulse generation, voltage sag and swell, overcurrent and zero-crossing
detection, and line frequency measurement. A separate analog-to-digital converter is used for on-chip
temperature measurement.
The CS5490 is optimized to interface to current transformers, shunt resistors, or Rogowski coils for
current measurement, and to resistive dividers or voltage transformers for voltage measurement. Two
full-scale ranges are provided on the current input to accommodate different types of current sensors. The
CS5490’s two differential inputs have a common-mode input range from analog ground (GNDA) to the
positive analog supply (VDDA).
An on-chip voltage reference (typically 2.4 volts) is generated and provided at analog output, VREF±.
The digital output (DO) provides a variety of output signals and, depending on the mode selected,
provides energy pulses, zero-crossings, or other choices.
The CS5490 includes a UART serial host interface to an external microcontroller. The UART signals
include serial data input (RX) and serial data output (TX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com