Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48540-CQZ Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS48540-CQZ
Description  Cost-effective, High-performance 32-bit DSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48540-CQZ Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS48540-CQZ Datasheet HTML 15Page - Cirrus Logic CS48540-CQZ Datasheet HTML 16Page - Cirrus Logic CS48540-CQZ Datasheet HTML 17Page - Cirrus Logic CS48540-CQZ Datasheet HTML 18Page - Cirrus Logic CS48540-CQZ Datasheet HTML 19Page - Cirrus Logic CS48540-CQZ Datasheet HTML 20Page - Cirrus Logic CS48540-CQZ Datasheet HTML 21Page - Cirrus Logic CS48540-CQZ Datasheet HTML 22Page - Cirrus Logic CS48540-CQZ Datasheet HTML 23Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
DS734F5
8.3 CS48560, 48-pin LQFP Pinout Diagram
8.3 CS48560, 48-pin LQFP Pinout Diagram
Figure 8-3. CS48560, 48-pin LQFP
XTO
XTI
GNDA
PLL_REF_RES
VDDA (3.3V)
GPIO1, DAI1_DATA2, TM2, DSD2
GPIO2, DAI1_DATA3, TM3, DSD3
38
40
41
42
43
45
46
GPIO13, SCP_BSY#, EE_CS#
GPOI12, SCP_IRQ#
GNDIO4
VDD3
GND3
VDDIO3
23
22
21
19
17
15
DAO1_DATA0, HS0
DAO_LRCLK
VDD1
DAO_SCLK
VDDIO2
GNDIO2
GPIO8, SCP_CS#
XTAL_OUT
GPIO15, DAI2_SCLK
GPIO14, DAI2_LRCLK
GPIO17, DAI2_DATA0, DSD4
CS48560
48-Pin LQFP
13
14
16
18
20
24
37
39
44
47
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com