Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4852 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4852
Description  Cost-effective, High-performance 32-bit DSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4852 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4852 Datasheet HTML 12Page - Cirrus Logic CS4852 Datasheet HTML 13Page - Cirrus Logic CS4852 Datasheet HTML 14Page - Cirrus Logic CS4852 Datasheet HTML 15Page - Cirrus Logic CS4852 Datasheet HTML 16Page - Cirrus Logic CS4852 Datasheet HTML 17Page - Cirrus Logic CS4852 Datasheet HTML 18Page - Cirrus Logic CS4852 Datasheet HTML 19Page - Cirrus Logic CS4852 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
DS734F5
5.15 Switching Characteristics—Digital Audio Output (DAO) Port
5.15 Switching Characteristics—Digital Audio Output (DAO) Port
Figure 5-9. Digital Audio Output Port Timing, Master Mode
Parameter
Symbol
Min
Max
Unit
DAO_MCLK period
Tdaomclk
40
ns
DAO_MCLK duty cycle
45
55
%
DAO_SCLK period for Master or Slave mode1
1.Master mode timing specifications are characterized, not production tested.
Tdaosclk
40
ns
DAO_SCLK duty cycle for Master or Slave mode1
—40
60
%
Table 5-1. Master Mode (Output A1 Mode)1,2
1.Master mode timing specifications are characterized, not production tested.
2.Master mode is defined as the CS48xx driving both DAO_SCLK, DAO_LRCLK. When MCLK is an input, it is divided to produce DAO_SCLK, DAO_
LRCLK.
Parameter
Symbol
Min
Max
Unit
DAO_SCLK delay from DAO_MCLK rising edge, DAO_MCLK as an input
tdaomsck
—19
ns
DAO_LRCLK delay from DAO_SCLK transition, respectively3
3.This timing parameter is defined from the non-active edge of DAO_SCLK. The active edge of DAO_SCLK is the point at which the data is valid.
tdaomstlr
—8
ns
DAO_SCLK delay from DAO_LRCLK transition, respectively3
tdaomlrts
—8
ns
DAO1_DATA[3:0], DAO2_DATA[1:0] delay from DAO_SCLK transition3
tdaomdv
—10
ns
DAO_MCLK
DAO_SCLK
DAO_LRCLK
DAOn_DATAn
tdaomclk
tdaomsck
tdaomstlr
Note:
In these diagrams, Falling edge is the inactive edge of DAO_SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com