Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8213 Datasheet(PDF) 24 Page - Cirrus Logic

Part # WM8213
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8213 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button WM8213 Datasheet HTML 20Page - Cirrus Logic WM8213 Datasheet HTML 21Page - Cirrus Logic WM8213 Datasheet HTML 22Page - Cirrus Logic WM8213 Datasheet HTML 23Page - Cirrus Logic WM8213 Datasheet HTML 24Page - Cirrus Logic WM8213 Datasheet HTML 25Page - Cirrus Logic WM8213 Datasheet HTML 26Page - Cirrus Logic WM8213 Datasheet HTML 27Page - Cirrus Logic WM8213 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
WM8213
Production Data
w
PD Rev 4.1 July 2008
24
SERIAL INTERFACE: REGISTER READ-BACK
Figure 19 shows register read-back in serial mode. Read-back is initiated by writing to the serial bus
as described above but with address bit a4 set to 1, followed by an 8-bit dummy data word. Writing
address (a5, 1, a3, a2, a1, a0) will cause the contents (d7, d6, d5, d4, d3, d2, d1, d0) of
corresponding register (a5, 0, a3, a2, a1, a0) to be output MSB first on pin SDO (on the falling edge
of SCK). Note that pin SDO is shared with an output pin, OP[7], therefore OEB should always be
held low and the OPD register bit should be set low when register read-back data is expected on this
pin. The next word may be read in to SDI while the previous word is still being output on SDO.
SCK
SEN
SDI
a5 1 a3 a2 a1 a0 x
x
xxx
xxx
Address
Data Word
d7 d6 d5 d4 d3 d2 d1 d0
Output Data Word
SDO/
OP[7]
OEB
Figure 19 Serial Interface Register Read-back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com