Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8214 Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM8214
Description  40MSPS 16-bit CCD Digitiser
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8214 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM8214 Datasheet HTML 12Page - Cirrus Logic WM8214 Datasheet HTML 13Page - Cirrus Logic WM8214 Datasheet HTML 14Page - Cirrus Logic WM8214 Datasheet HTML 15Page - Cirrus Logic WM8214 Datasheet HTML 16Page - Cirrus Logic WM8214 Datasheet HTML 17Page - Cirrus Logic WM8214 Datasheet HTML 18Page - Cirrus Logic WM8214 Datasheet HTML 19Page - Cirrus Logic WM8214 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
WM8214
Production Data
w
PD, Rev 4.4, August 2008
16
Table 2 summarises the various options for control of the Reset Level Clamp switch.
RLCEN
LEGACY CLAMPCTRL
LINEBYLINE
&&ACYC
OUTCOME
USE
0
X
X
X
RLC is not enabled. RLC switch is always open.
When input is DC coupled and
within supply rails.
1
0
0
X
RLC switch is controlled directly from RSMP input
pin:
RSMP=0: switch is open
RMSP=1: switch is closed
When user explicitly provides a
reset sample signal and the
input video waveform has a
suitable reset level.
1
0
1
X
VSMP applied as normal, RSMP is used to indicate
the location of black pixels
RLC switch is controlled by logical combination of
RSMP and VSMP:
RSMP && VSMP = 0: switch is open
RSMP && VSMP = 1: switch is closed
When you wish to clamp during
the video period of black pixels
or there is no stable per-pixel
reference level.
1
1
X
X
LEGACY mode RLC works in the same fashion as
the WM819x series, where the RSMP pin is
equivalent to the RLC/ACYC pin on those devices.
The reset sample clock which is generated by the
LEGACY internal timing generator is gated with the
RSMP pin to produce the RLC control signal CL
(see Figure 11) :
CL=0: clamp switch open
CL=1: clamp switch closed
When using the LEGACY
timing mode.
0
X
1
1
1
In this mode the RSMP pin is used to control auto-
cycling so can’t be used for clamp control.
Register bit CLAMPCTRL controls whether RLC is
enabled or not.
CLAMPCTRL=0, RLC is disabled
CLAMPCTRL=1, RLC is enabled and
every pixel will be clamped during the
control signal CL (see Figure 11).
When auto-cycling in LEGACY
mode.
Table 2 Reset Level Clamp Control Summary
CDS/NON-CDS PROCESSING
For CCD type input signals, containing a fixed reference/reset level, the signal may be processed
using Correlated Double Sampling (CDS), which will remove pixel-by-pixel common mode noise.
With CDS processing the input waveform is sampled at two different points in time for each pixel,
once during the reference/reset level and once during the video level. To sample using CDS, register
bit CDS must be set to 1 (default). This causes the signal reference to come from the video reference
level as shown in Figure 12.
The video sample is always taken on the falling edge of the input VSMP signal (VS). In CDS-mode
the reset level is sampled on the falling edge of the RSMP input signal (RS).
For input signals that do not contain a reference/reset level (e.g. CIS sensor signals), non-CDS
processing is used (CDS=0). In this case, the video level is processed with respect to the voltage on
pin VRLC/VBIAS. The VRLC/VBIAS voltage is sampled at the same time as VSMP samples the
video level in this mode.
In LEGACY mode the input video signal is always sampled on the 1st rising edge of MCLK after
VSMP has gone low (VS) regardless of the operating mode. If in non-CDS mode (CDS=0) the
voltage on the VRLC/VBIAS pin is also sampled at this point. In CDS-mode (CDS=1) the position of
the reset sample (RS) can be varied, under control of the CDSREF[1:0] register bits, as shown in
Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com