Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPS Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HPS
Description  Panel-Mount Fuseholder with Bayonet-type Knob
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HPS Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HPS Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog Symbol: HPS, HPS-EE, HPS-FF, HPS-JJ,
and HPS-RR
Panel Mount
Agency Information: UL Recognized, Guide IZLT2,
File E14853
CSA Certified: Class 6225-01, File 47235
Flammability Rating: UL 94 HB
Panel-Mount Fuseholder with Bayonet-type Knob
HPS
For ⁄‹Ω£™∑ ≈ 1fiΩ¡§∑ to 1⁄Ω™∑ and
Series
SC and Class CC Fuses
Form No. HPS Series
Page 1 of 1
Data Sheet: 2113
Bussmann®
1.031" + 0.003"
(26.2mm + 0.08mm)
0.187" + 0.002"
(4.75mm + 0.05mm)
Mounting Hole
Flange Rear of Panel
+
+
0.890"
0.003"
(22.6mm
0.08mm)
1.312" + 0.003"
(33.3mm + 0.08mm)
1.312" + 0.003"
(33.3mm + 0.08mm)
0.88"
(22.2mm)
2.81" Max.
(71.4mm)
With Fuse
Without Fuse
2.41" Max.
(64.3mm)
0.80"
(20.2mm)
1.78"
(45.2mm)
0.180"
(4.6mm)
1.125"
(28.6mm)
F
SE
.250"
± .003"
(6.35
± .08mm)
(Typ. 2)
Mounting Hole
Flange Front of Panel
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Dimensional Data
General Information:
• Bayonet-type knob.
• Combination ⁄Ω¢∑ quick-connect/solder terminals. (Standard
solder type terminals available.)
• The -EE, -JJ, -FF, and -RR holders are UL Recognized for
applications requiring branch circuit protection.
• Do not put tension on line (rear) terminal.
Electrical Ratings
Catalog
Volts
Symbol
Amps
AC
Fuse Description
HPS
30(3) (4)
600
⁄‹Ω£™∑x 1⁄Ω™∑
HPS-L
5
600
BBS,⁄‹Ω£™∑ ≈ 1‹Ω•∑ fuses.
HPS-EE
15
600
SC 0-15, ⁄‹Ω£™∑ ≈ 1fiΩ¡§∑ fuses.
HPS-JJ
20
600
SC 20, ⁄‹Ω£™∑ ≈ 1⁄‹Ω£™∑ fuses.
HPS-F-EE(2)
15
600
Sleeve on body, leaded for ⁄‹Ω£™∑≈1fiΩ¡§∑
fuses.
HPS-FF(2)
30(3)
480
SC 25 & 30, ⁄‹Ω£™∑ ≈ 1fiΩ•∑ fuses.
HPS-RR(2)
30(3)
600
KTK-R, LP-CC, FNQ-R Class CC fuses.
HPS-W(1) (2) 30(3)
600
⁄‹Ω£™∑ ≈ 1fiΩ•∑ fuses.
(1)No UL Recognition
(2)No CSA Certification
(3)20A max when used with quick connect terminals.
(4)HPS rated at 25A for CSA.
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.
Maximum panel thickness, mounting flange in front of panel
Assumes Pollution Degree 3 per UL 840:
Conductive pollution, or dry, nonconductive pollution that
becomes conductive due to condensation that is expected.
Maximum panel thickness
not including any sealing gaskets.
System Voltage
600V
480
277
240
120
Fuseholder
mm Inches mm Inches mm Inches mm Inches mm Inches
HPS
1.50 1/32” 2.39 3/32” 6.66 1/4”
7.21 9/32” 8.69
5/8”
Thicker panels may be used if fuse holder load terminal is fully insulated, using a
UL recognized (VW-1) insulative heat-shrink tubing, or if anticipated environment
is of Pollution Degree 1 or 2, or if panel is nonconductive.
Pollution Degree 2- Normally, only nonconductive pollution. However, a temporary
conductivity caused by condensation may be expected.
Pollution Degree 1- No pollution or only dry, nonconductive pollution.
The pollution has no influence.
Maximum panel thickness, mounting flange behind the panel:
5.08mm/0.200” (flush to knob collar)
6-3-04
SB04184


Similar Part No. - HPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPS VISHAY-HPS Datasheet
72Kb / 3P
High Ohmic Value (up to 1.5 G ohm), High Power Resistors (up to 10 W at 25 °C) Thick Film
01-Aug-13
logo
Hammond Manufacturing L...
HPS HAMMOND-HPS Datasheet
689Kb / 8P
Encapsulated Transformers for Commercial Applications
August 2019
logo
Heyco.
HPS HEYCO-HPS Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Ashcroft, Inc.
HPS ASHCROFT-HPS Datasheet
771Kb / 4P
HPS High Purity Pressure Gauge with Reed Switch 50 mm Dial Size
RevA_02-10-22
logo
ams AG
HPS-100 AMSCO-HPS-100 Datasheet
545Kb / 24P
Automotive Hydrogen Sensor
More results

Similar Description - HPS

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK10J ALPS-RK10J Datasheet
319Kb / 6P
With Knob Type
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
With Knob Type
logo
Cooper Bussmann, Inc.
HPF-C COOPER-HPF-C Datasheet
55Kb / 1P
Panel-Mount Fuseholder with Screw-type Knob For 횣횥쩍짙짧쨌 횇 1횧쩍횁짚쨌 to 1횣쩍짧쨌 Fuses
logo
Glenair, Inc.
240-ITSW GLENAIR-240-ITSW Datasheet
91Kb / 2P
Rear Panel Mount with Reverse Bayonet Coupling
logo
Cooper Bussmann, Inc.
HPC-D COOPER-HPC-D Datasheet
91Kb / 1P
Panel-Mount Fuseholder
HPF COOPER-HPF Datasheet
55Kb / 1P
Panel-Mount Fuseholder with Screw-type Knob
HPG COOPER-HPG Datasheet
52Kb / 1P
Panel-Mount Fuseholder
HPM COOPER-HPM Datasheet
92Kb / 1P
Panel-Mount Fuseholder
HPS2 COOPER-HPS2 Datasheet
64Kb / 1P
Two Pole Panel-Mount Fuseholder
logo
Molex Electronics Ltd.
847290023 MOLEX-847290023 Datasheet
299Kb / 1P
USB-A RECEPTACLE, PANEL MOUNT BAYONET LOCK, WITH WIRES
2019/12/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com