Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1122E Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1122E
Description  1A Low Dropout Positive Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1122E Datasheet(HTML) 5 Page - Anachip Corp

  AP1122E Datasheet HTML 1Page - Anachip Corp AP1122E Datasheet HTML 2Page - Anachip Corp AP1122E Datasheet HTML 3Page - Anachip Corp AP1122E Datasheet HTML 4Page - Anachip Corp AP1122E Datasheet HTML 5Page - Anachip Corp AP1122E Datasheet HTML 6Page - Anachip Corp AP1122E Datasheet HTML 7Page - Anachip Corp AP1122E Datasheet HTML 8Page - Anachip Corp AP1122E Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1A Low Dropout Positive Regulator
AP1122
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 21, 2004
5/10
Marking Information
(1) SOT223-3L
X X X
1 1 2 2
Logo
ID Code
Month: A~L = 01~12
Year:
(Top view)
"2" = 2002
"1" = 2001
(2) TO252-3L
1 1 2 2
ID Code
Xth Week: 01~52
Year:
(Top view)
"02" = 2002
"01" = 2001
X X X X X
Logo
(3) TO220-3L
1122
ID code
Year:
( Top view )
"02" = 2002
"01" = 2001
XX XX X
Xth week: 01~52
Logo
(5) TO263-3L
1122
ID code
Year:
( Top view )
"02" = 2002
"01" = 2001
XX XX X
Xth week: 01~52
Logo
(4) SOT89-3L
1
3
2
Date Code
Month: A~L
Year: 0~9
Identification Code
( See the table )
XX
XX
Identification code
Output version
JB
AP1122



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com