Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1184 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1184
Description  4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1184 Datasheet(HTML) 1 Page - Anachip Corp

  AP1184 Datasheet HTML 1Page - Anachip Corp AP1184 Datasheet HTML 2Page - Anachip Corp AP1184 Datasheet HTML 3Page - Anachip Corp AP1184 Datasheet HTML 4Page - Anachip Corp AP1184 Datasheet HTML 5Page - Anachip Corp AP1184 Datasheet HTML 6Page - Anachip Corp AP1184 Datasheet HTML 7Page - Anachip Corp AP1184 Datasheet HTML 8Page - Anachip Corp AP1184 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Sep 7, 2004
1/11
Feature
•
0.7V maximum dropout voltage at 4A load current
•
Built-in Thermal shutdown
•
Output current limiting
•
Adjustable or fixed output voltage
1.5V, 1.8V, 2.5V, 3.3V, 5.0V
•
Fast transient response
•
Good noise rejection
•
Packages: SOP-7L, TO220-5L and TO263-5L
General Description
AP1184 is a 4A regulator with extremely low
dropout voltage. This product is specifically
designed to provide well regulated supply for
applications requiring 2.8V or lower voltages from
3.3V ATX power supplies where high efficiency of
the switch can be achieved without the cost and
complexity associated with switching regulator. One
such application is the new graphic chipsets that
requires anywhere from 2.4V to 2.7V supply.
Ordering Information
AP1184 X X X X
Low Dropout Regulator
Package
Vout
S7:SOP-7L
K5:TO263-5L
T5:TO220-5L
Blank : Adj
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Packing
Blank : Tube
A : Taping
Lead Free
Blank : Normal
L : Lead Free Package
Typical Application
470uF
+
470uF
+
5V
470uF
+
3.3V
2.5V/4A
GND
Vsense
Vin
Vctrl
Vin
Vout
Vout
NC
AP1184-2.5V


Similar Part No. - AP1184

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1184 DIODES-AP1184 Datasheet
293Kb / 11P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184K5 DIODES-AP1184K5 Datasheet
313Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1184K5 DIODES-AP1184K5 Datasheet
293Kb / 11P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184K5-15L-13 DIODES-AP1184K5-15L-13 Datasheet
313Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
More results

Similar Description - AP1184

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep.7, 2004
logo
Diodes Incorporated
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com