Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CAT
Description  Chip Resistor Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAT Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CAT Datasheet HTML 1Page - Bourns Electronic Solutions CAT Datasheet HTML 2Page - Bourns Electronic Solutions CAT Datasheet HTML 3Page - Bourns Electronic Solutions CAT Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■ RoHS compliant*
■ Convex and concave terminals
■ 2, 4 or 8 isolated elements available
■ Resistance tolerance ±1 % and ±5 %
■ Resistance range: 10 ohms to 1 megohm
CAT/CAY 16 Series - Chip Resistor Arrays
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Specifications
How To Order
CA Y 16 - 103 J 4 LF
Chip Arrays
Type
• CAT16 = Concave Terminations
• CAY16 = Convex Terminations
Resistance Code
• For 1 % Tolerance:
<100 ohms - “R” represents decimal
point (example: 24R3 = 24.3 ohms)
≥100 ohms - First three digits are
significant, fourth digit represents
number of zeros to follow (example:
8252 = 82.5k ohms)
• For 5 % Tolerance:
<10 ohms - “R” represents decimal
point (example: 4R7 = 4.7 ohms)
≥10 ohms - First two digits are signifi-
cant, third digit represents number of
zeros to follow (example: 474 = 470k
ohms)
• 000 = Zero Ohm Jumper
Resistance Tolerance
• J = ±5 % (2, 4, 8 resistor pkg. and for
Zero Ohm Jumper)
• F = ±1 % (4 resistor pkg. and CAT16-F8)
Resistors
• 2 = 2 Isolated Resistors
• 4 = 4 Isolated Resistors
• 8 = 8 Isolated Resistors
Terminations
• LF = Tin-plated (RoHS compliant)
Requirement
Characteristics
Test Method
Short Time Overload
±2 % +0.1 ohm
Rated Voltage X 2.5, 5 seconds
Soldering Heat
±2 % +0.1 ohm
260 °C ±5 °C, 10 seconds ±1 second
Temperature Cycling (5)
±1 % + 0.1 ohm
125 °C (30 minutes) - normal (15 minutes)
-55 °C (30 minutes) - normal (15 minutes)
Moisture Load Life
±3 % +0.1 ohm
1000 hours
Load Life
±3 % +0.1 ohm
1000 hours
Characteristics
Characteristics
CAT16/CAY16
Number of Elements
2 (J2), 4 (F4, J4), 8 (F8, J8)
Power Rating Per Resistor @ 70 °C
0.0625 W
Package Power Rating @ 70 °C
0.250 W
(0.125 W for J2)
Temperature Coefficient of Resistance
±200 PPM/°C
Resistance Tolerance
±1 %, ±5 %
Resistance Range: E24 (J), E96 + E24 (F)
10 ohms - 1 megohm
Zero-Ohm Jumper < 0.05 ohm
Max. Working Voltage
50 V (25 V for CAY16-J8)
Operating Temp. Range
-55 °C - 125 °C
Packaging Size
J2 .......... 0606 Package Size
F4, J4 .... 1206 Package Size
F8 .......... 2406 Package Size for CAT16
J8 .......... 2406 Package Size for CAT16;
1506 Package Size for CAY16
For Standard Values Used in Capacitors,
Inductors, and Resistors, click here.
Soldering Profile for RoHS Compliant Chip Resistors and Arrays
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>


Similar Part No. - CAT

ManufacturerPart #DatasheetDescription
logo
HMS Networks.
CAT HMS-CAT Datasheet
410Kb / 2P
EtherCAT MainDevice
logo
List of Unclassifed Man...
CAT-6 ETC1-CAT-6 Datasheet
331Kb / 6P
CAT-6 UTP SOLUTION
logo
TE Connectivity Ltd
CAT-AM705-T273 TEC-CAT-AM705-T273 Datasheet
2Mb / 6P
AMP MCP 2.8, AMP MCP Connector System
09/27/2024 04:57AM
CAT-AM705-T273 TEC-CAT-AM705-T273 Datasheet
131Kb / 3P
2381114-2
10/10/2022
CAT-AM71-C83998B TEC-CAT-AM71-C83998B Datasheet
2Mb / 6P
Circular Power Connectors, Connector Assembly, 250 VDC, Wire-to-Panel / Wire-to-Board, 16 Position, Receptacle, Pin, Signal, Black, AMP CPC
06/13/2023 09:15AM
More results

Similar Description - CAT

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
741 CTS-741 Datasheet
216Kb / 5P
Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
Chip Resistor Arrays
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
156Kb / 5P
Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
Chip Resistor Arrays
logo
CTS Corporation
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
Chip Resistor Arrays
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
Chip Resistor Arrays
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
Chip Resistor Arrays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com