Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1624 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1624
Description  PWM/PFM Dual Mode Step-up DC/DC Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1624 Datasheet(HTML) 1 Page - Anachip Corp

  AP1624 Datasheet HTML 1Page - Anachip Corp AP1624 Datasheet HTML 2Page - Anachip Corp AP1624 Datasheet HTML 3Page - Anachip Corp AP1624 Datasheet HTML 4Page - Anachip Corp AP1624 Datasheet HTML 5Page - Anachip Corp AP1624 Datasheet HTML 6Page - Anachip Corp AP1624 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1624
PWM/PFM Dual Mode Step-up DC/DC Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Dec.23, 2004
1/7
Features
- Input Voltage Range: 0.9~6V
- PWM/PFM Switching Control
- High Efficiency: 90%
- Oscillator Frequency: 300kHz(±15%)
- Stand-by Current: ISTB=3µA.(Typ.)
- Pb-Free Package: SOT23-5
Applications
- Electronic Information Organizers
- Palmtops
- Cellular and portable phones
- Portable Audio Systems
- Various Multi-function Power Supplies
General Descriptions
The AP1624 is multi-functional step-up DC/DC
controllers. Large output current is possible using
an externally connected N channel MOSFET, coil,
and diode.
Output voltage (VOUT)is programmable with 1.23V
of standard voltage supply internal, and using
externally connected components, output voltage
(
FB) can be set up at will.
With a 300KHz switching frequency, the size of the
external components can be reduced.
Control switches from PFM to PWM during light
loads with the AP1624(PFM/PWM switchable)and
the series is highly efficient from light loads to large
output currents.
During stand-by time (CE pin “Low”), current
consumption is reduced to 3µA.
Pin Assignment
1
3
2
5
4
FB
V
CC
EXT
CE
GND
SOT23-5
(TOP VIEW)
Pin Descriptions
Pin
No.
Pin
Name
Function
1
FB
Feedback pin
2
VCC
IC Power Supply pin
3
CE
Chip Enable:
H: Enable
L: Disable
4
GND
GND pin
5
EXT
External N-MOSFET Connection


Similar Part No. - AP1624

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
More results

Similar Description - AP1624

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
PWM/PFM Dual Mode Step-up DC/DC Converter
Rev.1.2 Mar.25, 2005
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Diodes Incorporated
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
PFM Step-Up DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com