Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # P4SMA
Description  Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P4SMA Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  P4SMA Datasheet HTML 1Page - Bourns Electronic Solutions P4SMA Datasheet HTML 2Page - Bourns Electronic Solutions P4SMA Datasheet HTML 3Page - Bourns Electronic Solutions P4SMA Datasheet HTML 4Page - Bourns Electronic Solutions P4SMA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3312-2mmSMDTrimmingPotentiometer
Product Dimensions
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
P4SMATransientVoltageSuppressorDiodeSeries
Recommended Footprint
Physical Specifications
Case ...........................................Molded plastic per UL Class 94V-0
Polarity....................... Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
DIMENSIONS:
MM
(INCHES)
a
c
B
F
E
C
b
MM
(INCHES)
DIMENSIONS:
G
D
A
CATHODE
BAND
(FORUNIDIRECTIONAL
PRODUCTSONLY)
a
c
B
F
E
C
b
MM
(INCHES)
DIMENSIONS:
G
D
A
CATHODE
BAND
(FORUNIDIRECTIONAL
PRODUCTSONLY)
Dimension
SMA (DO-214AC)
A
3.99 - 4.57
(0.157 - 0.180)
B
2.29 - 2.92
(0.090 - 0.115)
C
1.25 - 1.65
(0.049 - 0.065)
D
4.83 - 5.59
(0.190 - 0.220)
E
0.05 - 0.203
(0.002 - 0.008)
F
1.98 - 2.62
(0.078 - 0.103)
G
0.76 - 1.52
(0.030 - 0.060)
DIMENSIONS:
MM
(INCHES)
Dimension
SMA (DO-214AC)
a (Max.)
2.70
(0.106)
b (Min.)
2.10
(0.083)
c (Min.)
1.27
(0.050)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com