Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C64B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28C64B
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28C64B Datasheet HTML 1Page - ATMEL Corporation AT28C64B Datasheet HTML 2Page - ATMEL Corporation AT28C64B Datasheet HTML 3Page - ATMEL Corporation AT28C64B Datasheet HTML 4Page - ATMEL Corporation AT28C64B Datasheet HTML 5Page - ATMEL Corporation AT28C64B Datasheet HTML 6Page - ATMEL Corporation AT28C64B Datasheet HTML 7Page - ATMEL Corporation AT28C64B Datasheet HTML 8Page - ATMEL Corporation AT28C64B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Features
• Fast Read Access Time – 150 ns
• Automatic Page Write Operation
– Internal Address and Data Latches for 64 Bytes
• Fast Write Cycle Times
– Page Write Cycle Time: 10 ms Maximum
– 1 to 64-byte Page Write Operation
• Low Power Dissipation
– 40 mA Active Current
– 100 µA CMOS Standby Current
• Hardware and Software Data Protection
• DATA Polling and Toggle Bit for End of Write Detection
• High Reliability CMOS Technology
– Endurance: 100,000 Cycles
– Data Retention: 10 Years
• Single 5V
± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• JEDEC Approved Byte-wide Pinout
• Commercial and Industrial Temperature Ranges
Description
The AT28C64B is a high-performance electrically-erasable and programmable read
only memory (EEPROM). Its 64K of memory is organized as 8,192 words by 8 bits.
Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers
access times to 150 ns with power dissipation of just 220 mW. When the device is
deselected, the CMOS standby current is less than 100 µA.
64K (8K x 8)
Parallel
EEPROM with
Page Write and
Software Data
Protection
AT28C64B
Rev. 0270H–12/99
Pin Configurations
Pin Name
Function
A0 - A12
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
PDIP, SOIC
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
WE
NC
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
TSOP
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OE
A11
A9
A8
NC
WE
VCC
NC
A12
A7
A6
A5
A4
A3
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
PLCC
Top View
Note:
PLCC package pins 1 and 17 are
DON’T CONNECT.
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
(continued)


Similar Part No. - AT28C64B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
297Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
313Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B-15 ATMEL-AT28C64B-15 Datasheet
660Kb / 12P
64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28C64B-15JC ATMEL-AT28C64B-15JC Datasheet
660Kb / 12P
64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results

Similar Description - AT28C64B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com