Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV002 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49BV002
Description  2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV002 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49BV002 Datasheet HTML 1Page - ATMEL Corporation AT49BV002 Datasheet HTML 2Page - ATMEL Corporation AT49BV002 Datasheet HTML 3Page - ATMEL Corporation AT49BV002 Datasheet HTML 4Page - ATMEL Corporation AT49BV002 Datasheet HTML 5Page - ATMEL Corporation AT49BV002 Datasheet HTML 6Page - ATMEL Corporation AT49BV002 Datasheet HTML 7Page - ATMEL Corporation AT49BV002 Datasheet HTML 8Page - ATMEL Corporation AT49BV002 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AT49BV/LV002(N)(T)
2
AT49BV/LV002N(T) pin 1 for the DIP and PLCC packages
and pin 9 for the TSOP package are don’t connect pins.
To allow for simple in-system reprogrammability, the
AT49BV/LV002(N)(T) does not require high input voltages
for programming. Five-volt-only commands determine the
read and programming operation of the device. Reading
data out of the device is similar to reading from an EPROM;
it has standard CE, OE, and WE inputs to avoid bus con-
tention. Reprogramming the AT49BV/LV002(N)(T) is per-
formed by erasing a block of data and then programming
on a byte by byte basis. The byte programming time is a
fast 50
µs. The end of a program cycle can be optionally
detected by the DATA polling feature. Once the end of a
byte program cycle has been detected, a new access for a
read or program can begin. The typical number of program
and erase cycles is in excess of 10,000 cycles.
The device is erased by executing the erase command
sequence; the device internally controls the erase opera-
tions. There are two 8K byte parameter block sections and
two main memory blocks.
The device has the capability to protect the data in the boot
block; this feature is enabled by a command sequence.
The 16K-byte boot block section includes a reprogramming
lock out feature to provide data integrity. The boot sector is
designed to contain user secure code, and when the fea-
ture is enabled, the boot sector is protected from being
reprogrammed.
In the AT49BV/LV002N(T), once the boot block program-
ming lockout feature is enabled, the contents of the boot
block are permanent and cannot be changed. In the
AT49BV/LV002(T), once the boot block programming lock-
out feature is enabled, the contents of the boot block can-
not be changed with input voltage levels of 5.5 volts or less.
Block Diagram
CONTROL
LOGIC
Y DECODER
PARAMETER
BLOCK 1
(8K BYTES)
BOOT BLOCK
(16K BYTES)
OE
WE
CE
RESET
ADDRESS
INPUTS
VCC
GND
AT49BV/LV002(N)
DATA INPUTS/OUTPUTS
I/O7 - I/O0
8
X DECODER
PARAMETER
BLOCK 2
(8K BYTES)
MAIN MEMORY
BLOCK 1
(96K BYTES)
MAIN MEMORY
BLOCK 2
(128K BYTES)
PROGRAM
DATA LATCHES
Y-GATING
INPUT/OUTPUT
BUFFERS
3FFFF
20000
1FFFF
08000
07FFF
06000
05FFF
04000
03FFF
00000
PARAMETER
BLOCK 1
(8K BYTES)
BOOT BLOCK
(16K BYTES)
AT49BV/LV002(N)T
DATA INPUTS/OUTPUTS
I/O7 - I/O0
8
PARAMETER
BLOCK 2
(8K BYTES)
MAIN MEMORY
BLOCK 1
(96K BYTES)
MAIN MEMORY
BLOCK 2
(128K BYTES)
PROGRAM
DATA LATCHES
Y-GATING
INPUT/OUTPUT
BUFFERS
3FFFF
3C000
3BFFF
3A000
39FFF
38000
37FFF
20000
1FFFF
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com