Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6908F Datasheet(PDF) 1 Page - Rohm

Part # BA6908F
Description  Single-phase full-wave motor driver for fan motor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6908F Datasheet(HTML) 1 Page - Rohm

  BA6908F Datasheet HTML 1Page - Rohm BA6908F Datasheet HTML 2Page - Rohm BA6908F Datasheet HTML 3Page - Rohm BA6908F Datasheet HTML 4Page - Rohm BA6908F Datasheet HTML 5Page - Rohm BA6908F Datasheet HTML 6Page - Rohm BA6908F Datasheet HTML 7Page - Rohm BA6908F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BA6908F
Motor driver ICs
1/7
Single-phase full-wave motor driver for
fan motor
BA6908F
BA6908F is a single phase full-wave motor driver for fan motor corresponding to 5V and 12V. Switching noise is reduced
by soft switching drive. This IC has lock detection and automatic restart functions as motor protection function.
Applications
Motor drivers for fan motors
Features
1) Single-phase full-wave drive system.
2) Built-in power transistor.
3) Soft switching drive.
4) Lock detection and automatic restart circuit.
5) Thermal shut-down circuit.
6) Hall signal output.
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
IOUT
IHO
VOUT
VHO
Tjmax
15
15
15
15
150
∗1
∗2
0.7
V
V
V
A
mA
Power dissipation
Pd
687
mW
Storage temperature
Topr
°C
°C
°C
Output current
Hall signal output current
Output voltage
Junction temperature
Hall signal output voltage
Operating temperature
Tstg
∗1 To use at temperature above Ta=25°C reduce 5.5mW/°C.
(On 70.0mm
×70.0mm×1.6mm glass epoxy board)
∗2 This value is not to be over Pd and ASO.
−40 to +85
−55 to +150
Recommended operating conditions (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
3
−
14
V


Similar Part No. - BA6908F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F Datasheet
115Kb / 4P
Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_2 Datasheet
115Kb / 4P
Single-Phase Full-Wave Motor Driver for Fan Motor
More results

Similar Description - BA6908F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6789FVM ROHM-BH6789FVM Datasheet
222Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Eutech Microelectronics...
EUM6179 EUTECH-EUM6179 Datasheet
260Kb / 11P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Rohm
BA6908F ROHM-BA6908F_2 Datasheet
115Kb / 4P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Unisonic Technologies
F6908 UTC-F6908_10 Datasheet
210Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
logo
Anpec Electronics Corop...
APX9203 ANPEC-APX9203 Datasheet
317Kb / 28P
Single-Phase Full-Wave Motor Driver for Fan Motor
APX9766 ANPEC-APX9766 Datasheet
189Kb / 12P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7302 AMTEK-AM7302 Datasheet
458Kb / 12P
Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2011 V0.4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com