Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W55RFS27T1B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # W55RFS27T1B
Description  Super-Regeneration RF Transmitter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55RFS27T1B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  W55RFS27T1B Datasheet HTML 1Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 2Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 3Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 4Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 5Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 6Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 7Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 8Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
W55RFS27T1B DataSheet
3
Revision: A3.0
Publish Date: Feb. 2010
- 3 -
Revision A1
General Description
nuvoton W55RFS27T1B is a fully
integrated S-R (Super-regeneration) RF transmitter
with full-function of baseband command encoder
for application of R/C vehicle, toy, or wireless data
communication.
W55RFS27T1B provides both uC-mode
for general purpose of micro-controller
programming interface and manual-mode for RF
transmitter as well as 6-function of baseband
command encoder.
W55RFS27T1B cooperate with
W55RFS27R1B is very easy and convenient to
provide simple remote control function with very
low production cost in various application. The
transmitter provides the FCC/ETSI regulation
provisions for 27M, 35M, 40M, 49MHz S-R
(Super-regeneration) modulation. Wide range of
operation voltage from 2.2V to 5.5V is suitable for
2-battery or 3-battery R/C toy application, and high
efficient transmission output power.
W55RFS27T1B is compliant to FCC part
15 class B and 15.227 / ETSI 300 220-1, making it
easier for wireless end products to get FCC and
ETSI compliance approval.
1.1 Features
Operating frequency: 27MHz ~ 49MHz
Wide operating voltage: 2.2V ~ 5.5V
Transmission data rates up to 10K bps (uC-
mode) for 30%-70% duty cycle
High efficiency transmission output power.
Manual-mode supports 6-function of R/C
toy baseband control command encoder, i,e,
Forward, Backward, Left-turn, right-turn, and
2 user defined function F1 and F2
High efficient transmission power with
minimum current consumption
Power down current consumption less than
1uA
Less manual adjustment needed in
production
Fewer external components required in
production
Lower manufacture production cost
Compliant to FCC part 15 class B and 15.227
/ ETSI 300 220-1 low-power & short-range
device requirements
Two input modes for flexibility of more
control function and lower component cost
Dice form available for PCB bonding
Operating temperature: 0C ~ 70C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com