Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPJ-1SP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LPJ-1SP
Description  LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPJ-1SP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LPJ-1SP Datasheet HTML 1Page - List of Unclassifed Manufacturers LPJ-1SP Datasheet HTML 2Page - List of Unclassifed Manufacturers LPJ-1SP Datasheet HTML 3Page - List of Unclassifed Manufacturers LPJ-1SP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1006
Effective February 2016
Supersedes August 2015
Low-Peak™ LPJ Class J 600Vac/300Vdc, 1-60A,
dual element, time-delay fuses
Catalog symbol:
• LPJ-(amp)SP (non-indicating)
• LPJ-(amp)SPI (indicating)
Description:
Bussmann® series Ultimate protection LPJ Class
J dual element, current-limiting, time-delay fuses
available with optional open fuse indication. Time-
delay – 10 seconds (minimum) at 500% of rated
current.
Specifications:
Ratings
• Volts
• 600Vac
• 300Vdc
• Amps 1-60A
• IR
• 300kA Vac RMS Sym.
• 100kA Vdc
Agency information
• UL® Listed, Guide JDDZ, File E4273
• CSA® Certified, Class 1422-02, File 53787,
Class J per CSA 22.2 No. 248.
• CE
• RoHS compliant
Catalog numbers (amps) – non-indicating fuses
LPJ-1SP
LPJ-3SP
LPJ-7SP*
LPJ-25SP*
LPJ-1-1⁄4SP LPJ-3-2⁄10SP
LPJ-8SP*
LPJ-30SP*
LPJ-1-6⁄10SP
LPJ-3-1⁄2SP
LPJ-9SP*
LPJ-35SP*
LPJ-1-8⁄10SP
LPJ-4SP
LPJ-10SP*
LPJ-40SP*
LPJ-2SP
LPJ-4-1⁄2SP
LPJ-12SP*
LPJ-45SP*
LPJ-2-1⁄4SP
LPJ-5SP
LPJ-15SP*
LPJ-50SP*
LPJ-2-1⁄2SP LPJ-5-6⁄10SP LPJ-17-1⁄2SP*
LPJ-60SP*
LPJ-2-8⁄10SP
LPJ-6SP*
LPJ-20SP*
* Open fuse indication available by inserting the suffix “I,”
e.g., LPJ-15SPI. Requires 75Vac minimum voltage.
Carton quantity:
Amp rating
Carton qty.
1–60
10
Dimensions - in
2.38"
0.63"
35 to 60A
1.06"
0.5"
1 to 30A
0.81"
2.25"
(±0.03)
(±0.03)
(±0.03)
(±0.03)
Features:
• Industry’s only UL Listed and CSA Certified fuse
with a 300kA interrupting rating that allows for
simple, worry-free installation in virtually any
application.
• Fast short-circuit protection and dual-element,
time-delay performance provide ultimate
protection.
• Reduces existing fuse inventory by up to 33%
when upgrading to Low-Peak fuses.
• Consistent 2:1 ampacity ratios for all Low-Peak
fuses make selective coordination easy.
• Long time-delay minimizes needless fuse
openings due to temporary overloads and
transient surges.
• Current-limitation protects downstream
components against damaging thermal and
magnetic effects of short-circuit currents.
• Dual-element fuses have lower resistance than
ordinary fuses so they run cooler. They can
often be sized for back-up protection against
motor burnout from overload or single-phasing
if other overload protective devices fail.
• Proper sizing can provide “no damage” Type
2 coordinated protection for NEMA® and IEC®
motor controllers.
• Space-saving package for equipment
downsizing.
Available with
easyID™
open fuse indication


Similar Part No. - LPJ-1SP

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
More results

Similar Description - LPJ-1SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
FRS-R-600 COOPER-FRS-R-600 Datasheet
207Kb / 3P
FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-15 COOPER-FRS-R-15 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com