Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA50 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # CA50
Description  5150-5900 MHz Ceramic Chip Monopole Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CA50 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  CA50 Datasheet HTML 1Page - Taoglas antenna solutions CA50 Datasheet HTML 2Page - Taoglas antenna solutions CA50 Datasheet HTML 3Page - Taoglas antenna solutions CA50 Datasheet HTML 4Page - Taoglas antenna solutions CA50 Datasheet HTML 5Page - Taoglas antenna solutions CA50 Datasheet HTML 6Page - Taoglas antenna solutions CA50 Datasheet HTML 7Page - Taoglas antenna solutions CA50 Datasheet HTML 8Page - Taoglas antenna solutions CA50 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-12-8-109/B/SS
Page 1 of 19
SPECIFICATION
Part No.
: CA.50
Product Name
: 5150-5900 MHz Ceramic Chip Monopole
Antenna
Wi-Fi/ WHDMI / 5GHz ISM Band
Feature
: 3.2mm *1.6mm * 0.5mm
Low profile
Peak gain 3.4 dBi
Compact Size
RoHS Compliant


Similar Part No. - CA50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA50 ETC2-CA50 Datasheet
1Mb / 18P
5150-5900 MHz Ceramic Chip Monopole Antenna
logo
Calogic, LLC
CA500 CALOGIC-CA500 Datasheet
23Kb / 2P
Current Regulator Diode
logo
Vishay Siliconix
CA5000 VISHAY-CA5000 Datasheet
98Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
logo
Extech Instruments Corp...
CA500 EXTECH-CA500_15 Datasheet
808Kb / 1P
Extech Soft Protective Carrying Cases
logo
Calogic, LLC
CA501 CALOGIC-CA501 Datasheet
23Kb / 2P
Current Regulator Diode
More results

Similar Description - CA50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA50 ETC2-CA50 Datasheet
1Mb / 18P
5150-5900 MHz Ceramic Chip Monopole Antenna
CA69 ETC2-CA69 Datasheet
3Mb / 16P
169 MHz VHF Ceramic Chip Monopole Antenna
HLA01 ETC2-HLA01 Datasheet
1Mb / 18P
5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
logo
Pulse A Technitrol Comp...
W3000 PULSE-W3000 Datasheet
5Mb / 28P
Ceramic Monopole Antenna
EGSM900 PULSE-EGSM900 Datasheet
1Mb / 17P
Ceramic Dual Band Monopole Antenna
W3073 PULSE-W3073 Datasheet
5Mb / 19P
Ceramic Quad Band Monopole Antenna
logo
Taoglas antenna solutio...
HLA01 TAOGLAS-HLA01 Datasheet
1Mb / 19P
5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
CA69 TAOGLAS-CA69 Datasheet
986Kb / 16P
169 MHz VHF Ceramic Chip Monopole Antenna
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-WFB5 SUNTSU-SATCA-3C1GF-WFB5 Datasheet
1Mb / 7P
IEEE802.11a (5150~5900 MHz)
logo
Linx Technologies
ANT-916-CW-RAH-CCC LINX-ANT-916-CW-RAH-CCC Datasheet
204Kb / 2P
916 MHz Helical Monopole Antenna
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com