Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLA01 Datasheet(PDF) 19 Page - Taoglas antenna solutions

Part # HLA01
Description  5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

HLA01 Datasheet(HTML) 19 Page - Taoglas antenna solutions

Back Button HLA01 Datasheet HTML 11Page - Taoglas antenna solutions HLA01 Datasheet HTML 12Page - Taoglas antenna solutions HLA01 Datasheet HTML 13Page - Taoglas antenna solutions HLA01 Datasheet HTML 14Page - Taoglas antenna solutions HLA01 Datasheet HTML 15Page - Taoglas antenna solutions HLA01 Datasheet HTML 16Page - Taoglas antenna solutions HLA01 Datasheet HTML 17Page - Taoglas antenna solutions HLA01 Datasheet HTML 18Page - Taoglas antenna solutions HLA01 Datasheet HTML 19Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
SPE-12-8-116/B/SS
Page 19 of 19
11. Packing
Quantity: 6000pcs/ Reel
Plastic tape:
Tape Dimensions (unit: mm)
Pocket Dimensions (unit: mm)
1. Cumulative tolerance of 10 pocket hole pitch: ±0.20mm
2. Carrier camber not to exceed 1mm in 250mm
3. Ao and Bo measured on a plane above the inside bottom of the pocket
4. Ko measured from a plane on the inside bottom of the pocket to the top surface
of the carrier
5. All dimensions meet EIA-481-B requirements
6. Material – Clear non Anti-Static Polystyrene, Black Conductive Polystyrene
Feature
Specification
Tolerance
Ao
1.90
+0.20
-0.10
Bo
3.50
Ko
0.60
±0.05
t
0.30
±0.05
Feature
Specification
Tolerance
W
12.00
±0.30
P
8.00
±0.10
E
1.75
±0.10
F
5.50
±0.10
P2
2.00
±0.10
D
1.50
+0.10 / -0.00
D1
-
±0.10
Po
4.00
±0.10
10Po
40.00
±0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com