Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA02 Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # LA02
Description  2.4GHz Embedded Loop Chip Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LA02 Datasheet(HTML) 5 Page - Taoglas antenna solutions

  LA02 Datasheet HTML 1Page - Taoglas antenna solutions LA02 Datasheet HTML 2Page - Taoglas antenna solutions LA02 Datasheet HTML 3Page - Taoglas antenna solutions LA02 Datasheet HTML 4Page - Taoglas antenna solutions LA02 Datasheet HTML 5Page - Taoglas antenna solutions LA02 Datasheet HTML 6Page - Taoglas antenna solutions LA02 Datasheet HTML 7Page - Taoglas antenna solutions LA02 Datasheet HTML 8Page - Taoglas antenna solutions LA02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SPE-15-8-040/B/WY
Page 5 of 20
3. Electrical Specification (80*40mm ground plane)
3.1 Return Loss (S11)
3.2 Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com