Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7571IDBVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7571IDBVR
Description  2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7571IDBVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7571IDBVR Datasheet HTML 12Page - Texas Instruments DAC7571IDBVR Datasheet HTML 13Page - Texas Instruments DAC7571IDBVR Datasheet HTML 14Page - Texas Instruments DAC7571IDBVR Datasheet HTML 15Page - Texas Instruments DAC7571IDBVR Datasheet HTML 16Page - Texas Instruments DAC7571IDBVR Datasheet HTML 17Page - Texas Instruments DAC7571IDBVR Datasheet HTML 18Page - Texas Instruments DAC7571IDBVR Datasheet HTML 19Page - Texas Instruments DAC7571IDBVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.ti.com
SLAVE ADDRESS R/W
A
Ctrl/MS-Byte
A
LS-Byte
A/A
P
”0” (write)
Data Transferred
(n* Words + Acknowledge)
Word = 16 Bit
From Master to DAC7571
From DAC7571 to Master
A = Acknowledge (SDA LOW)
A = Not Acknowledge (SDA HIGH)
S = START Condition
Sr = Repeated START Condition
P = STOP Condition
DAC7571 I2C-SLAVE ADDRESS:
1
0
0
1
1
0
A0
R/W
MSB
LSB
Factory Preset
A0 = I2C Address Pin
Standard-and Fast-Mode:
S
HS-Master Code
R/W
A
Ctrl/MS-Byte
A
LS-Byte
A/A
P
”0” (write)
Data Transferred
(n* Words + Acknowledge)
Word = 16 Bit
High-Speed-Mode (HS-Mode):
S
A Sr Slave Address
HS-Mode Continues
F/S-Mode
HS-Mode
F/S-Mode
Sr Slave Address
0
0
0
0
1
X
X
R/W
MSB
LSB
HS-Mode Master Code:
0
0
PD1
PD2
D11
D10
D9
D8
MSB
LSB
Ctrl/MS-Byte:
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
LS-Byte:
D11 – D0 = Data Bits
‘0’ = Write to DAC7571
‘1’ = Read from DAC7571
ADDRESS BYTE
DAC7571
SLAS374A – FEBRUARY 2003 – REVISED JANUARY 2004
THEORY OF OPERATION (continued)
Figure 45. Master Transmitter Addressing DAC7571 as a Slave Receiver With a 7-Bit Address
MSB
R/W
1
0
0
1
1
0
A0
0
The address byte is the first byte received by the DAC7571 following the START condition from the master
device. The first five bits (MSBs) of the slave address are factory preset to 100110. The next bit of the address
byte is the device select bit, A0. In order for DAC7571 to respond, the logic state of address bit A0 should match
the logic state of address pin A0. A maximum of two devices with the same preset code can therefore be
connected on the same bus at one time. The A0 Address Input can be connected to VDD or digital ground, or can
be actively driven by TTL or CMOS logic levels. The device address is set by the state of the A0 pin upon
power-up of the DAC7571. The last bit of the address byte (R/W) should always be zero. Following the START
condition, the DAC7571 monitors the SDA bus, checking the device type identifier being transmitted. Upon
receiving the 100110 code, the appropriate device select bit and the R/W bit, the DAC7571 outputs an
acknowledge signal on the SDA line. Upon receipt of a broadcast address 10010000, the DAC7571 responds
regardless of the state of the A0 pin.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com