| Electronic Components Datasheet Search |
|
DAC08CS-REEL Datasheet(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC08CS-REEL Datasheet(HTML) 2 Page - Analog Devices |
|
2 / 12 page ![]() REV. B –2– DAC08–SPECIFICATIONS DAC08A/H DAC08E DAC08C Parameter Symbol Conditions Min Typ Max Min Typ Max Min Typ Max Unit Resolution 8 8 8 Bits Monotonicity 8 8 8 Bits Nonlinearity NL ±0.1 ±0.19 ±0.39 % FS Settling Time tS To ±1/2 LSB, 85 135 85 150 85 150 ns All Bits Switched ON or OFF, TA = 25 °C1 Propagation Delay Each Bit tPLH TA = 25 °C1 35 60 35 60 35 60 ns All Bits Switched tPHL 35 60 35 60 35 60 ns Full-Scale Tempco 1 TCIFS ±10 ±50 ±10 ±80 ±10 ±80 ppm/ °C DAC08E ±50 Output Voltage Compliance VOC Full-Scale Current (True Compliance) Change <1/2 LSB, –10 +18 –10 +18 –10 +18 V ROUT > 20 M Ω typ Full Range Current IFR4 VREF = 10.000 V 1.984 1.992 2.000 1.94 1.99 2.04 1.94 1.99 2.04 mA R14, R15 = 5.000 k Ω TA = 25 °C Full Range Symmetry IFRS IFR4 – IFR2 ±0.5 ± 4 ± 1 ± 8 ± 2 ±16 µA Zero-Scale Current IZS 0.1 1 0.2 2 0.2 4 µA Output Current Range IOR1 R14, R15 = 5.000 k Ω 2.1 2.1 2.1 mA IOR2 VREF = +15.0 V, V– = –10 V VREF = +25.0 V, 4.2 4.2 4.2 mA V– = –12 V Output Current Noise IREF = 2 mA 25 25 25 nA Logic Input Levels Logic “0” VIL VLC = 0 V 0.8 0.8 0.8 V Logic Input “1” VIL 22 2 V Logic Input Current VLC = 0 V Logic “0” IIL VIN = –10 V to +0.8 V –2 –10 –2 –10 –2 –10 µA Logic Input “1” IIH VIN = 2.0 V to 18 V 0.002 10 0.002 10 0.002 10 µA Logic Input Swing VIS V– = –15 V –10 +18 –10 +18 –10 +18 V Logic Threshold Range VTHR VS = ±15 V1 –10 +13.5 –10 +13.5 –10 +13.5 V Reference Bias Current I15 –1 –3 –1 –3 –1 –3 µA Reference Input dI/dt REQ = 200 Ω 4 8 4 8 4 8 mA/ µs Slew Rate RL = 100 Ω CC = 0 pF See Fast Pulsed Ref. Info Following. 1 Power Supply Sensitivity PSSIFS+ V+ = 4.5 V to 18 V ±0.0003 ±0.01 ± 0.0003 ±0.01 ± 0.0003 ±0.01 % ∆I O/% ∆V+ PSSIFS– V– = –4.5 V to –18 V ± 0.002 ±0.01 ± 0.002 ±0.01 ± 0.002 ±0.01 % ∆I O/% ∆V– IREF = 1.0 mA Power Supply Current I+ VS = ±5 V, I REF = 1.0 mA 2.3 3.8 2.3 3.8 2.3 3.8 mA I– –4.3 –5.8 –4.3 –5.8 –4.3 –5.8 mA I+ VS = +5 V, –15 V, 2.4 3.8 2.4 3.8 2.4 3.8 mA I– IREF = 2.0 mA –6.4 –7.8 –6.4 –7.8 –6.4 –7.8 mA I+ VS = ±15 V, 2.5 3.8 2.5 3.8 2.5 3.8 mA I– IREF = 2.0 mA –6.5 –7.8 –6.5 –7.8 –6.5 –7.8 mA Power Dissipation PD ±5 V, I REF = 1.0 mA 33 48 33 48 33 48 mW +5 V, –15 V, IREF = 2.0 mA 108 136 103 136 108 136 mW ±15 V, I REF = 2.0 mA 135 174 135 174 135 174 mW NOTES 1Guaranteed by design. Specifications subject to change without notice. ELECTRICAL CHARACTERISTICS (@ V S = 15 V, IREF = 2.0 mA, –55 C TA +125 C for DAC08/08A, 0 C TA +70 C for DAC08E and DAC08H, –40 C to +85 C for DAC08C, unless otherwise noted. Output characteristics refer to both IOUT and IOUT .) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |