Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-024L Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ACPL-024L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-024L Datasheet(HTML) 2 Page - Broadcom Corporation.

  ACPL-024L Datasheet HTML 1Page - Broadcom Corporation. ACPL-024L Datasheet HTML 2Page - Broadcom Corporation. ACPL-024L Datasheet HTML 3Page - Broadcom Corporation. ACPL-024L Datasheet HTML 4Page - Broadcom Corporation. ACPL-024L Datasheet HTML 5Page - Broadcom Corporation. ACPL-024L Datasheet HTML 6Page - Broadcom Corporation. ACPL-024L Datasheet HTML 7Page - Broadcom Corporation. ACPL-024L Datasheet HTML 8Page - Broadcom Corporation. ACPL-024L Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Broadcom
- 2 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Figure 1 Functional Diagram
NOTE
A 0.1 μF bypass capacitor must be connected between pins Vdd and GND.
Table 1 Truth Table
LED
VO
ON
HIGH
OFF
LOW
NC 2
ACPL-021L
6
4
Anode
VDD
GND
VO
Shield
1
3
5
Cathode
2
3
8
5
6
Anode
VDD
GND
VO
Shield
1
NC
NC 4
7
Cathode
NC
ACPL-M21L
ACPL-024L/K24L
4
1
VDD
V01
Anode1
Cathode1
V02
GND
Cathode2
Anode2
Shield
3
2
5
8
6
7
6
4
Anode
VDD
GND
VO
Shield
1
3
5
Cathode
ACPL-W21L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com