| Electronic Components Datasheet Search |
|
AT89C51SND1C-ROTIL Datasheet(PDF) 23 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51SND1C-ROTIL Datasheet(HTML) 23 Page - ATMEL Corporation |
|
23 / 47 page ![]() 23 AT8xC51SND1C 4106F–8051–10/02 Universal Serial Bus Interface The AT8xC51SND1C implement a full-speed USB Interface. It can be used for the fol- lowing purposes: • Download of MP3 encoded audio files by supporting the USB mass storage class. • In-System Programming by supporting the USB firmware upgrade class. MultiMedia Card Interface The AT8xC51SND1C implement a MultiMedia Card (MMC) interface compliant to the V2.2 specification in MultiMedia Card mode. The MMC allows storage of MP3 encoded audio files in removable Flash memory cards that can be easily plugged to, or removed from the application. It can also be used for In-System Programming. IDE/ATAPI Interface The AT8xC51SND1C provide an IDE/ATAPI interface allowing connection of devices such as CD-ROM reader, CompactFlash ™ cards, Hard Disk Drive, etc. It consists of a 16-bit bi-directional bus part of the low-level ANSI ATA/ATAPI specification. It is pro- vided for mass storage interfaces but could be used for In-System Programming using CD-ROM. Serial I/O Interface The AT8xC51SND1C implement a serial port with its own baud rate generator providing one single synchronous communication mode and three full-duplex Universal Asynchro- nous Receiver Transmitter (UART) communication modes. It is provided for the following purposes: • In-System Programming. • Remote control of the AT8xC51SND1C by a host. Serial Peripheral Interface The AT8xC51SND1C implement a Serial Peripheral Interface (SPI) supporting master and slave modes. It is provided for the following purposes: • Interfacing DataFlash memory and DataFlash cards for MP3 encoded audio files storage • Remote control of the AT8xC51SND1C by a host • In-System Programming TWI Controller The AT8xC51SND1C implements a TWI controller supporting the four standard master and slave modes with multimaster capability. It is provided for the following purposes: • Connection of slave devices like LCD controller, audio DAC… • Remote control of the AT8xC51SND1C by a host • In-System Programming A/D Controller The AT8xC51SND1C implements a 2-channel 10-bit (8 true bits) analog-to-digital con- verter (ADC). It is provided for the following purposes: • Battery monitoring • Voice recording • Corded remote control Keyboard Interface The AT8xC51SND1C implement a keyboard interface allowing connection of 4 x n matrix keyboard. It is based on 4 inputs with programmable interrupt capability on both high or low level. These inputs are available as an alternate function of P1.3:0 and allow exit from idle and power-down modes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |