Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3893AV Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3893AV
Description  BTL TURBOTRANSCEIVER?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3893AV Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3893AV Datasheet HTML 1Page - National Semiconductor (TI) DS3893AV Datasheet HTML 2Page - National Semiconductor (TI) DS3893AV Datasheet HTML 3Page - National Semiconductor (TI) DS3893AV Datasheet HTML 4Page - National Semiconductor (TI) DS3893AV Datasheet HTML 5Page - National Semiconductor (TI) DS3893AV Datasheet HTML 6Page - National Semiconductor (TI) DS3893AV Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.5V
Control Input Voltage
5.5V
Driver Input and Receiver Output
5.5V
Driver Output Receiver Input Clamp
Current
±15 mA
Power Dissipation at 70˚C
900 mW
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 3
sec.)
260˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage, V
CC
4.5
5.5
V
Bus Termination Voltage (V
T)
2.0
2.2
V
Operating Free Air Temperature
0
70
˚C
Electrical Characteristics (Notes 2, 3, 4)
T
A = 0 to +70˚C, VCC =5V ±10%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER AND CONTROL INPUT: (DE, RE , Dn)
V
IH
Input High Voltage
2.0
V
V
IL
Input Low Voltage
0.8
V
I
I
Input Leakage Current
DE = RE = Dn = V
CC
100
µA
I
IH
Input High Current
DE = RE = Dn = 2.5V
20
µA
I
IL
Dn Input Low Current
Dn = 0.5V, DE = V
CC = Max
−200
µA
DE Input Low Current
DE = 0.5V, Dn = V
CC = Max
−500
µA
RE Input Low Current
RE = 0.5V, V
CC = Max
−100
µA
V
CL
Input Diode Clamp Voltage
I
clamp = −12 mA
−1.2
V
DRIVER OUTPUT/RECEIVER INPUT: (Bn)
V
OLB
Output Low Bus Voltage
Dn = DE = V
IH (Figure 2)
0.75
1.0
1.2
V
R
T =10
Ω,V
T = 2.2V
Dn=DE=V
IH (Figure 2)
0.75
1.0
1.1
V
R
T = 18.5
Ω,V
T = 2.14
I
ILB
Output Bus Current (Power On)
Dn = DE = 0.8V, V
CC = Max
−250
100
µA
Bn = 0.75V
I
IHB
Output Bus Current (Power Off)
Dn = DE = 0.8V, V
CC = 0V
100
µA
Bn = 1.2V
V
OCB
Driver Output Positive Clamp
V
CC =Max or 0V, Bn=1mA
2.9
V
V
CC = Max or 0V, Bn = 10 mA
3.2
V
V
OHB
Output High Bus Voltage
V
CC = Max, Dn = 0.8V (Figure 2)
1.90
V
V
T = 2.0V, RT =10
Ω
V
TH
Receiver Input Threshold
1.47
1.55
1.62
V
RECEIVER OUTPUT: (Rn)
V
OH
Voltage Output High
Bn = 1.2V, I
oh = −3 mA, RE = 0.8V
2.5V
V
V
OL
Voltage Output Low
Bn = 2V, I
ol = 6 mA, RE = 0.8V
0.35
0.5
V
I
OZ
TRI-STATE Leakage
V
o = 2.5V, RE = 2V
20
µA
V
o = 0.5V, RE = 2V
−20
µA
I
OS
Output Short Circuit Current
Bn = 1.2V, V
o = 0V
−80
−120
−200
mA
(Note 5)
RE = 0.8V, V
CC = Max
I
CC
Supply Current
Dn = DE = RE = V
IH,VCC = Max
70
95
mA
Note 1: “Absolute maximum ratings” are those beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should
be operated at these limits. The table of “Electrical Characteristics” provide conditions for actual device operation.
Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified.
Note 3: All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: Unused inputs should not be left floating. Tie unused inputs to either VCC or GND thru a resistor.
Note 5: Only one output at a time should be shorted.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com