Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4302 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4302
Description  2-Wire, 5-Bit DAC with Three Digital Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4302 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4302 Datasheet HTML 1Page - Maxim Integrated Products DS4302 Datasheet HTML 2Page - Maxim Integrated Products DS4302 Datasheet HTML 3Page - Maxim Integrated Products DS4302 Datasheet HTML 4Page - Maxim Integrated Products DS4302 Datasheet HTML 5Page - Maxim Integrated Products DS4302 Datasheet HTML 6Page - Maxim Integrated Products DS4302 Datasheet HTML 7Page - Maxim Integrated Products DS4302 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2-Wire, 5-Bit DAC with Three Digital Outputs
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC, SDA, and SCL Pins
Relative to Ground.............................................-0.5V to +6.0V
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature.....See IPC/JEDEC J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
4.5
5.5
V
Input Logic 1 (SDA, SCL)
VIH
2.0
VCC + 0.3
V
Input Logic 0 (SDA, SCL)
VIL
GND - 0.3
0.8
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standby Current
ISTBY
(Notes 2, 3)
200
300
µA
Input Leakage
IL
(Note 4)
-1.0
+1.0
µA
3mA sink current
0.0
0.4
SDA Low-Level Output Voltage
VOL1
6mA sink current
0.0
0.6
V
P0, P1, P2 Low-Level Output
Voltage
VOL2
(Note 1)
4mA sink
+0.4V
V
P0, P1, P2 High-Level Output
Voltage
VOH
(Note 1)
4mA source
VCC - 0.4V
V
VOUT Maximum Level (-020)
VCC = 5.0V, Data = 00000XXX (Note 3)
1.925
2.0
2.075
V
VOUT Minimum Level (-020)
VCC = 5.0V, Data = 11111XXX
0.0
0.05
0.1
V
VOUT Maximum Level (-019)
VCC = 5.0V, Data = 00000XXX (Note 3)
1.825
1.9
1.975
V
VOUT Minimum Level (-019)
VCC = 5.0V, Data = 11111XXX
0.0
0.05
0.1
V
Power-On Reset
1.7
V
Settling Time
10
µs
D/A Output Levels
32
steps
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to 5.5V, TA = -40°C to +85°C.)
X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com