Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9639 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9639
Description  Dual Differential Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9639 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS9639 Datasheet HTML 1Page - National Semiconductor (TI) DS9639 Datasheet HTML 2Page - National Semiconductor (TI) DS9639 Datasheet HTML 3Page - National Semiconductor (TI) DS9639 Datasheet HTML 4Page - National Semiconductor (TI) DS9639 Datasheet HTML 5Page - National Semiconductor (TI) DS9639 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +175˚C
Operating Temperature Range
0˚C to +70˚C
Lead Temperature
Molded DIP (soldering, 10 sec.)
265˚C
V
CC Lead Potential to Ground
−0.5V to +7.0V
Input Potential to Ground Lead
±25V
Differential Input Voltage
±25V
Output Differential to Ground Lead
−0.5V to 5.5V
Output Sink Current
50 mA
Maximum Power Dissipation (Note 1) at 25˚C
Molded Package
930 mW
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
4.75
5.0
5.25
V
Operating Temperature (T
A)
0
25
70
˚C
Note 1: Derate molded DIP package 7.5mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
Over recommended operating temperature and supply voltage ranges, unless otherwise specified
Symbol
Parameter
Conditions (Note 2)
Min
Typ
Max
Units
V
TH
Differential Input
−7.0V
≤ V
CM ≤ +7.0V
−0.2
+0.2
V
Threshold Voltage (Note 6)
V
TH(R)
Differential Input
−7.0V
≤ V
CM ≤ +7.0V
−0.4
+0.4
V
Threshold Voltage (Note 7)
I
I
Input Current (Note 8)
V
I = 10V, 0V ≤ VCC ≤ 5.5V
1.1
3.25
mA
V
I = −10V, 0V ≤ VCC ≤ 5.5V
−1.6
−3.25
V
OL
Output Voltage LOW
I
OL = 20 mA, VCC = Min
0.35
0.5
V
V
OH
Output Voltage HIGH
I
OH = −1.0 mA, VCC = Min
2.5
3.5
V
I
OS
Output Short Circuit Current (Note 5)
V
O = 0V, VCC = Max
−40
−75
−100
mA
I
CC
Supply Current
V
CC = Max, VI+ = 0.5V,
35
50
mA
V
I− = GND
V
HYST
Input Hysteresis
V
CM = ±7.0V (See Curves)
70
mV
Switching Characteristics
V
CC = 5.0V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PLH
Propagation Delay Time
See AC Test Circuit
55
85
ns
Low to High
t
PHL
Propagation Delay Time
See AC Test Circuit
50
75
ns
High to Low
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the 0˚C to +70˚C range for the DS9639A. All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are referenced to ground unless otherwise specified.
Note 5: Only one output at a time should be shorted.
Note 6: VDIFF (Differential Input Voltage) = (VI+)−(VI−). VCM (Common Mode Input Voltage) = VI+ or VI−.
Note 7: 500
Ω ±1% in series with inputs.
Note 8: The input not under test is tied to ground.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com