Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20150CT Datasheet(PDF) 3 Page - Littelfuse

Part # MBR20150CT
Description  Low forward voltage drop
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MBR20150CT Datasheet(HTML) 3 Page - Littelfuse

  MBR20150CT Datasheet HTML 1Page - Littelfuse MBR20150CT Datasheet HTML 2Page - Littelfuse MBR20150CT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Schottky Barrier Rectifier
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:01/19/16
MBR20150CT 2x 10A, 150V,TO-220AB Common Cathode
Dimensions- TO-220AB
Packing Options
Part Number
Marking
Packing Mode
M.O.Q
MBR20150CT
MBR20150CT
50pcs / Tube
1000
Part Numbering and Marking System
6
LF YYWWL
MBR20150CT
MBR
= Device Type
20
= Forward Current (20A)
150
= Reverse Voltage (150V)
CT
= Configuration
LF
= Littelfuse
YY
= Year
WW
= Week
L
= Lot Number
Tube Specification
32mm
7mm
530mm
Symbol
Millimeters
Min
Max
A
3.56
4.83
A1
0.51
1.40
A2
2.03
2.92
b
0.38
1.02
b1
1.14
1.78
c
0.31*
0.61
D
14.22
16.51
D1
8.38
9.15*
E
9.65
10.67
e
2.54
-
e1
4.98*
-
H1
5.84
6.86
L
12.70
14.73
L1
-
6.35
øP
3.53
4.09
Q
2.54
3.43
Footnote *: The spec. does not comply with JEDEC spec.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com