Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG201BMIL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG201BMIL
Description  Improved Quad CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201BMIL Datasheet(HTML) 3 Page - Vishay Siliconix

  DG201BMIL Datasheet HTML 1Page - Vishay Siliconix DG201BMIL Datasheet HTML 2Page - Vishay Siliconix DG201BMIL Datasheet HTML 3Page - Vishay Siliconix DG201BMIL Datasheet HTML 4Page - Vishay Siliconix DG201BMIL Datasheet HTML 5Page - Vishay Siliconix DG201BMIL Datasheet HTML 6Page - Vishay Siliconix DG201BMIL Datasheet HTML 7Page - Vishay Siliconix DG201BMIL Datasheet HTML 8Page - Vishay Siliconix DG201BMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DG201BMIL, DG202BMIL
www.vishay.com
Vishay Siliconix
S12-0631-Rev. A, 19-Mar-12
3
Document Number: 63374
For technical questions, contact: AnalogSwitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONSa
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS
OTHERWISE SPECIFIED
TEMP.b
TYP.c
A SUFFIX
- 55 °C to 125 °C
UNIT
V+ = 15 V, V- = - 15 V
MIN.d
MAX.d
VIN = 2.4 V, 0.8 Vf
Analog Switch
Analog Signal Rangee
VANALOG
Full
-
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
VD = ± 10 V, IS = 1 mA
Room
45
-
85
Full
-
-
100
RDS(on) Match
R
DS(on)
Room
2
-
-
Source Off Leakage Current
IS(off)
VS = ± 14 V, VD = ± 14 V
Room
± 0.01
- 0.5
0.5
nA
Full
-
- 20
20
Drain Off Leakage Current
ID(off)
VS = ± 14 V, VD = ± 14 V
Room
± 0.01
- 0.5
0.5
Full
-
- 20
20
Drain On Leakage Current
ID(on)
VS = ± 14 V, VD = ± 14 V
Room
± 0.02
- 0.5
0.5
Full
-
- 40
40
Digital Control
High Input Voltage
VINH
Full
-
2.4
-
V
Low Input Voltage
VINL
Full
-
-
0.8
Input Current
IINH or IINL
VINH or VINL
Full
-
- 1
1
μA
Input Capacitance
Cin
Room
5
-
-
pF
Dynamic Characteristics
Turn-On Time
tON
VS = 2 V
see switching time test circuit
Room
120
-
300
ns
Full
-
-
-
Turn-Off Time
tOff
Room
65
-
200
Full
-
-
-
Charge Injection
Q
CL = 1000 pF, Vg = 0 V, Rg = 0 
Room
1
-
-
pC
Source Off Capacitance
CS(off)
VS = 0 V, f = 1 MHz
Room
5
-
-
pF
Drain Off Capacitance
CD(off)
Room
5
-
-
Channel On Capacitance
CD(on)
VD = VS = 0 V, f = 1 MHz
Room
16
-
-
Off Isolation
OIRR
CL = 15 pF, RL = 50 ,
VS = 1 VRMS, f = 100 kHz
Room
90
-
-
dB
Channel-to-Channel Crosstalk
XTALK
Room
95
-
-
Power Supply
Positive Supply Current
I+
VIN = 0 V or 5 V
Room
-
-
50
μA
Full
-
-
100
Negative Supply Current
I-
Room
-
- 1
-
Full
-
- 5
-
Power Supply Range for
Continuous Operation
VOP
Full
-
± 4.5
± 22
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com