Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG506AMIL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG506AMIL
Description  Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG506AMIL Datasheet(HTML) 2 Page - Vishay Siliconix

  DG506AMIL Datasheet HTML 1Page - Vishay Siliconix DG506AMIL Datasheet HTML 2Page - Vishay Siliconix DG506AMIL Datasheet HTML 3Page - Vishay Siliconix DG506AMIL Datasheet HTML 4Page - Vishay Siliconix DG506AMIL Datasheet HTML 5Page - Vishay Siliconix DG506AMIL Datasheet HTML 6Page - Vishay Siliconix DG506AMIL Datasheet HTML 7Page - Vishay Siliconix DG506AMIL Datasheet HTML 8Page - Vishay Siliconix DG506AMIL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DG506A_MIL/507A_MIL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-2
Document Number: 70066
S-00405—Rev. D, 21-Feb-00
TRUTH TABLES AND ORDERING INFORMATION
TRUTH TABLE
DG506A_MIL
A3
A2
A1
A0
EN
On Switch
X
X
X
X
0
None
0
0
0
0
1
1
0
0
0
1
1
2
0
0
1
0
1
3
0
0
1
1
1
4
0
1
0
0
1
5
0
1
0
1
1
6
0
1
1
0
1
7
0
1
1
1
1
8
1
0
0
0
1
9
1
0
0
1
1
10
1
0
1
0
1
11
1
0
1
1
1
12
1
1
0
0
1
13
1
1
0
1
1
14
1
1
1
0
1
15
1
1
1
1
1
16
ORDERING INFORMATION
DG506A_MIL
Temp Range
Package
Part Number
55
125 C
28-Pin CerDIP
DG506AAK
–55 to 125
_C
28-Pin CerDIP
DG506AAK/883
–55 to 125
_C
28-Pin Sidebraze
JM38510/19001BXC
LCC-28*
DG506AAZ/883
*Block Diagram and Pin Configuration not shown.
TRUTH TABLE
DG507A_MIL
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
Logic “0” = VAL v 0.8 V
Logic “1” = VAH w 2.4 V
X = Don’t Care
ORDERING INFORMATION
DG507A_MIL
Temp Range
Package
Part Number
55
125 C
28-Pin CerDIP
DG507AAK
–55 to 125
_C
28-Pin CerDIP
DG507AAK/883
–55 to 125
_C
28-Pin Sidebraze
JM38510/19003BXC
28-Pin LCC
DG507AAZ/883
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to V–
V+
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa, VS, VD
(V–) –2 V to (V+) +2 V or
. . . . . . . . . . . . . . . . . . . . . . . .
20 mA, whichever occurs first
Current (Any Terminal, Except S or D)
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current, S or D
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current, S or D
(Pulsed at 1 ms, 10% Duty Cycle Max)
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
(CerDIP)
–65 to 150
_C
. . . . . . . . . . . . . . . . . . . .
(Plastic DIP)
–65 to 125
_C
. . . . . . . . . . . . . . . .
Power Dissipation (Package)b
28-Pin CerDIP and Sidebraze
1200 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
28-Pin PLCCNO TAG
1200 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LCC-20,28c
1000 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads soldered or welded to PC board.
c.
Derate 14 mW/
_C above 75_C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com